Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63201Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP63201Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63201Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP63201Q Datasheet HTML 17Page - Diodes Incorporated AP63201Q Datasheet HTML 18Page - Diodes Incorporated AP63201Q Datasheet HTML 19Page - Diodes Incorporated AP63201Q Datasheet HTML 20Page - Diodes Incorporated AP63201Q Datasheet HTML 21Page - Diodes Incorporated AP63201Q Datasheet HTML 22Page - Diodes Incorporated AP63201Q Datasheet HTML 23Page - Diodes Incorporated AP63201Q Datasheet HTML 24Page - Diodes Incorporated AP63201Q Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Document number: DS43698 Rev. 1 - 2
21 of 30
www.diodes.com
September 2021
© Diodes Incorporated
AP63200Q/AP63201Q/AP63203Q/AP63205Q
Application Information
1
Pulse Width Modulation (PWM) Operation
The AP63200Q/AP63201Q/AP63203Q/AP63205Q device is an automotive-compliant, 3.8V-to-32V input, 2A output, EMI friendly, fully integrated
synchronous buck converter. Refer to the block diagram in Figure 7. The device employs fixed-frequency peak current mode control. The internal
clock’s rising edge (500kHz for AP63200Q/AP63201Q, 1100kHz for AP63203Q/Ap63205Q) initiates turning on the integrated high-side power
MOSFET, Q1, for each cycle. When Q1 is on, the inductor current rises linearly and the device charges the output capacitor. The current across
Q1 is sensed and converted to a voltage with a ratio of RT via the CSA block. The CSA output is combined with an internal slope compensation,
SE, resulting in VSUM. When VSUM rises higher than the COMP node, the device turns off Q1 and turns on the low-side power MOSFET, Q2. The
inductor current decreases when Q2 is on. On the rising edge of next clock cycle, Q2 turns off and Q1 turns on. This sequence repeats every
clock cycle.
The error amplifier generates the COMP voltage by comparing the voltage on the FB pin with an internal 0.8V reference. An increase in load
current causes the feedback voltage to drop. The error amplifier thus raises the COMP voltage until the average inductor current matches the
increased load current. This feedback loop regulates the output voltage. The internal slope compensation circuitry prevents subharmonic
oscillation when the duty cycle is greater than 50% for peak current mode control.
The
peak
current
mode
control,
integrated
loop
compensation
network,
and
built-in
4ms
soft-start
time
simplifies
the
AP63200Q/AP63201Q/AP63203Q/AP63205Q footprint as well as minimizes the external component count.
In order to provide a small output ripple during light load conditions, the AP63201Q operates in PWM regardless of output load.
2
Pulse Frequency Modulation (PFM) Operation
In heavy load conditions, the AP63200Q/AP63203Q/AP63205Q operates in forced PWM mode. As the load current decreases, the internal COMP
node voltage also decreases. At a certain limit, if the load current is low enough, the COMP node voltage is clamped and is prevented from
decreasing any further. The voltage at which COMP is clamped corresponds to the 600mA PFM peak inductor current limit. As the load current
approaches zero, the AP63200Q/AP63203Q/AP63205Q enters PFM mode to increase the converter power efficiency at light load conditions.
When the inductor current decreases to 50mA, zero cross detection circuitry on the low-side power MOSFET, Q2, forces it off. The buck converter
does not sink current from the output when the output load is light and while the device is in PFM. Because the AP63200Q/AP63203Q/AP63205Q
works in PFM during light load conditions, it can achieve power efficiency of up to 88% at a 5mA load condition.
The quiescent current of AP63200Q/AP63203Q/AP63205Q
is 22μA typical under a no-load, non-switching condition.
3
Enable
When disabled, the device shutdown supply
current is only 1μA. When applying a voltage greater than the EN logic high threshold (typical 1.18V,
rising), the AP63200Q/AP63201Q/AP63203Q/AP63205Q enables all functions and the device initiates the soft-start phase. The EN pin is a high-
voltage pin and can be directly connected to VIN to automatically start up the device as VIN increases. An internal 1.5µA pull-up current source
connected from the internal LDO-regulated VCC to the EN pin guarantees that if EN is left floating, the device still automatically enables once the
voltage reaches the EN logic high threshold. The AP63200Q/AP63201Q/AP63203Q/AP63205Q has a built-in 4ms soft-start time to prevent output
voltage overshoot and inrush current. When the EN voltage falls below its logic low threshold (typical 1.09V, falling), the internal SS voltage
discharges to ground and device operation disables.
The EN pin can also be used to adjust the undervoltage lockout thresholds. See Undervoltage Lockout (UVLO) section for more details.
Alternatively, a small ceramic capacitor can be added from EN to GND. When EN is not driven externally, this capacitor increases the time needed
for the EN pin voltage to reach its logic high threshold, which delays the startup of the output voltage. This is useful when sequencing multiple
power rails to minimize input inrush current. When the EN pin voltage starts from 0V, the amount of capacitance for a given delay time is
approximated by:
������������[������������] ≈ ������. ������������ ∙ ������������[������������]
Eq. 1
Where:
Cd is the time delay capacitance in nF
td is the delay time in ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com