Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

14S505KB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 14S505KB
Description  Multi-Turn 1/4 (6.35 mm) Square Wirewound Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

14S505KB Datasheet(HTML) 2 Page - Vishay Siliconix

  14S505KB Datasheet HTML 1Page - Vishay Siliconix 14S505KB Datasheet HTML 2Page - Vishay Siliconix 14S505KB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
14S, 17S, 18S
www.vishay.com
Vishay Techno
Revision: 26-Jul-2021
2
Document Number: 68017
For technical questions, contact: sfer@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Numbers in parenthesis refer to test method MIL-STD-202 as modified by the detail specification
(2) For values below 100
Ω, add 0.05 Ω to the allowable change
(3) The referenced tests also require that setting stability change shall not exceed ± 1.0 % plus the specified maximum resolution and operating
torque shall not exceed 150 % of the specified maximum
DIMENSIONS 1/4" (6.35 mm) SQUARE in inches (millimeters)
ENVIRONMENTAL PERFORMANCE
TEST (1)
CONDITIONS
MIL-R-27208
REQUIREMENT
TYPICAL
CHANGE
Thermal shock
(107)
5 cycles, -55 °C to +125 °C
ΔR ≤ 1.0 % (2)
ΔR < 0.02 %
Low temperature operation
1 h storage, 45 min rated power at -55 °C
ΔR ≤ 1.0 % (2)(3)
ΔR < 0.01 %
High temperature exposure
250 h, no load at +150 °C
ΔR ≤ 1.0 % (2)(3)
ΔR < 0.03 %
Moisture resistance
(106)
240 h at rated power with humidity ranging
from 80 % RH to 98 % RH
ΔR ≤ 1.0 % (2)
ΔR < 0.02 %
Resistance to soldering heat
(210)
+350 °C for 3 s
ΔR ≤ 1.0 % (2)
ΔR < 0.01 %
Shock
(213)
18 shocks, 100 g, 6 ms, sawtooth, 3 axes
ΔR ≤ 1.0 % (2)(3)
ΔR < 0.07 %
Vibration
(204)
10 Hz to 2000 Hz, 20 g, 12 h, 3 axes
ΔR ≤ 1.0 % (2)(3)
ΔR < 0.02 %
Rotational life
200 cycles
ΔR ≤ 2.0 %
ΔR < 0.04 %
Load life
(108)
1000 h at rated power at +85 °C
ΔR ≤ 2.0 %
ΔR < 0.12 %
DERATING
W Lead Style - 17S
12 3
0.030 ± 0.010
(0.762 ± 0.254)
0.100 ± 0.005
(2.54 ± 0.127)
0.100 ± 0.005
(2.54 ± 0.127)
0.038 ± 0.005
(0.965 ± 0.127)
0.016 ± 0.001
(0.406 ± 0.025)
Dia.
0.020 ± 0.003
(0.508 ± 0.076)
0.045 ± 0.005
(1.14 ± 0.127)
0.172 (4.37)
Min.
0.020 ± 0.003
(0.508 ± 0.076)
0.260 ± 0.005
(6.60 ± 0.127)
0.211 ± 0.005
(5.36 ± 0.127)
0.120 ± 0.005
(3.05 ± 0.127)
0.062 ± 0.005
(1.57 ± 0.127)
Dia.
0.160 ± 0.010
(4.06 ± 0.254)
X Lead Style - 18S
0.100 ± 0.005
(2.54 ± 0.127)
0.038 ± 0.005
(0.965 ± 0.127)
0.100 ± 0.005
(2.54 ± 0.127)
0.030 ± 0.010
(0.762 ± 0.254)
0.211 ± 0.005
(5.36 ± 0.127)
0.062 ± 0.005
(1.57 ± 0.127)
0.120 ± 0.005
(3.05 ± 0.127)
0.160 ± 0.010
(0.406 ± 0.254)
0.172 (4.37)
Min.
0.260 ± 0.005
(6.60 ± 0.127)
0.045 ± 0.005
(1.14 ± 0.127)
0.016 ± 0.001
(0.406 ± 0.025)
Dia.
0.020 ± 0.003
(0.508 ± 0.076)
0.020 ± 0.003
(0.508 ± 0.076)
X Lead Style - 14S
0.062 ± 0.002
(1.57 ± 0.051)
Dia.
0.120 ± 0.010
(3.05 ± 0.254)
0.156 ± 0.010
(3.96 ± 0.254)
0.038
(0.965)
0.100
(2.54)
0.014 (0.356)
Min.
0.172 (4.37)
Min.
0.020
(0.508)
0.210
(5.33)
0.013 ± 0.001
(0.330 ± 0.025)
Dia.
0.050 ± 0.010
(1.27 ± 0.254)
0.250 ± 0.015
(6.35 ± 0.381)
3
2
1
0
25
50
75 85 100
125
150
175
0.50
0.40
0.30
0.20
0.10
AMBIENT TEMPERATURE °C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com