Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40S3V080 Datasheet(PDF) 20 Page - Hanbit Electronics Co.,Ltd

Part # DOM40S3V080
Description  40Pin Flash Disk Module Min.16MB ~ Max.384MB, True IDE Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40S3V080 Datasheet(HTML) 20 Page - Hanbit Electronics Co.,Ltd

Back Button DOM40S3V080 Datasheet HTML 16Page - Hanbit Electronics Co.,Ltd DOM40S3V080 Datasheet HTML 17Page - Hanbit Electronics Co.,Ltd DOM40S3V080 Datasheet HTML 18Page - Hanbit Electronics Co.,Ltd DOM40S3V080 Datasheet HTML 19Page - Hanbit Electronics Co.,Ltd DOM40S3V080 Datasheet HTML 20Page - Hanbit Electronics Co.,Ltd DOM40S3V080 Datasheet HTML 21Page - Hanbit Electronics Co.,Ltd DOM40S3V080 Datasheet HTML 22Page - Hanbit Electronics Co.,Ltd DOM40S3V080 Datasheet HTML 23Page - Hanbit Electronics Co.,Ltd DOM40S3V080 Datasheet HTML 24Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
HANBit
HFDOM40S3Vxxx
URL:www.hbe.co.kr
20 / 29
HANBit Electronics Co., Ltd.
Rev. 1.0 (July, 2004)
18h
Corrected ECC Error
05h , 30-34h , 37h ,3Eh
Self Test or Diagnostic Failed
10h , 14h
ID Not Found
3Ah
Spare Sectors Exhausted
1Fh
Data Transfer Error / Aborted Command
0Ch , 38h , 3Bh , 3Ch , 3Fh
Corrupted Media Format
03h
Write / Erase Failed
22h
Power Level 1 Disabled
Seek –7X h
Bit->
7
6
5
4
3
2
1
0
Command(7)
7Xh
C/D/H(6)
1
LBA
1
Drive
Head(LBA 27 – 24)
Cyl High(5)
Cylinder High (LBA 23 – 16)
Cyl Low(4)
Cylinder Low (15 – 8)
Sec Num(3)
X (LBA 7 – 0)
Sec Cnt(2)
X
Feature(1)
X
Seek
This command is effectively a NOP command to the CompactFlash Storage Card although it does perform a range
check of cylinder and head or LBA address and returns an error if the address is out of range.
Set Features - EFh
Bit->
7
6
5
4
3
2
1
0
Command(7) EFh
C/D/H(6)
X
Drive
X
Cyl High(5)
X
Cyl Low(4)
X
Sec Num(3)
X
Sec Cnt(2)
Configure
Feature(1)
Feature
Set Features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com