Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T53 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T53
Description  5 mm Through Hole Trimmer Single-Turn Cermet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T53 Datasheet(HTML) 4 Page - Vishay Siliconix

  T53_V01 Datasheet HTML 1Page - Vishay Siliconix T53_V01 Datasheet HTML 2Page - Vishay Siliconix T53_V01 Datasheet HTML 3Page - Vishay Siliconix T53_V01 Datasheet HTML 4Page - Vishay Siliconix T53_V01 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
T53
www.vishay.com
Vishay Sfernice
Revision: 12-Jan-17
4
Document Number: 51014
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
• Vishay trademark
• Ohmic value (in
Ω, kΩ, MΩ) is indicated by a three figure code, the first two are significant figures, the third one is a multiplier.
Example: 100 = 10
Ω
101 = 100
Ω
102 = 1000
Ω
503 = 50 000
Ω
• Manufacturing date is indicated by four digits, the first two for the year, the last for the week number.
PACKAGING
• In box of 250 pieces code B41 (B0250)
ORDERING INFORMATION (part number)
Model
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
T53
Y
From
10
Ω to 1 MΩ
504 = 500 k
Ω
20 %
On request:
± 10 %
B41 = box
250 pieces
(If applicable)
Given by
Vishay
for custom
design
DESCRIPTION (for information only)
T53
Y
500K
20 %
B0
e3
MODEL
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
50
4
M
B
4
3
T
Y
5
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com