Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS53 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TS53
Description  5 mm Square Surface Mount Miniature Trimmers Single-Turn Cermet Sealed
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS53 Datasheet(HTML) 4 Page - Vishay Siliconix

  TS53_V01 Datasheet HTML 1Page - Vishay Siliconix TS53_V01 Datasheet HTML 2Page - Vishay Siliconix TS53_V01 Datasheet HTML 3Page - Vishay Siliconix TS53_V01 Datasheet HTML 4Page - Vishay Siliconix TS53_V01 Datasheet HTML 5Page - Vishay Siliconix TS53_V01 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS53
www.vishay.com
Vishay Sfernice
Revision: 13-Dec-2022
4
Document Number: 51008
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
Vishay trademark, ohmic value, manufacturing date
The ohmic value is indicated by a 3 figure code, the first two are significant figures, the third one is the multiplier.
Example:
100 = 10
Ω
101 = 100
Ω
102 = 1000
Ω
503 = 50 000
Ω
PACKAGING
On tape and reel of 500 pieces, code R10 (TR500) and 2000 pieces, code R20 (TR2000)
Cover tape panel strength specifications EIA 481 A and CEI 60286-3.
DRYPACK
Devices are packed in moisture barrier bags to prevent the products from moisture absorption during transportation and storage.
Each bag contains a desiccant.
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING
SPECIAL
NUMBER
TS53
YL
YJ
From 10
Ω to 1 MΩ
504 = 500 k
Ω
M = 20 %
R10 =
reel 500 pieces
On request
R20 =
reel 2000 pieces
(If applicable)
Given by Vishay
for custom design
R10
3 slots - width 2 mm,
each 120°
Ø 13.1
Ø 180
2
Ø 62
13
R20
3 slots - width 2 mm,
each 120°
Ø 13.1
Ø 330
2
Ø 102
16.8
0.3
3.2
85.2
7.6
12
5.5
1.75
4
2
Ø 1.5
10
50
M
4R
S5
Y
3L
T



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com