Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-2835C10-34-R80 Datasheet(PDF) 6 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-2835C10-34-R80
Description  PLCC-2 Components
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-2835C10-34-R80 Datasheet(HTML) 6 Page - American Bright OPTOELECTRONICS CORP.

Back Button BL-2835C10-34-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. BL-2835C10-34-R80 Datasheet HTML 10Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 7 of 13
SI N CE 198 1
Color B I N Limit s (At 150m A)
R2
R3
R4
R5
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2310
0.1918
0.2353
0.1870
0.2396
0.1822
0.2439
0.1774
0.2350
0.1989
0.2393
0.1941
0.2436
0.1893
0.2479
0.1845
0.2393
0.1941
0.2436
0.1893
0.2479
0.1845
0.2522
0.1797
0.2353
0.1870
0.2396
0.1822
0.2439
0.1774
0.2482
0.1726
S2
S3
S4
S5
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2350
0.1989
0.2393
0.1941
0.2436
0.1893
0.2479
0.1845
0.2390
0.2060
0.2433
0.2012
0.2476
0.1964
0.2519
0.1916
0.2433
0.2012
0.2476
0.1964
0.2519
0.1916
0.2562
0.1868
0.2393
0.1941
0.2436
0.1893
0.2479
0.1845
0.2522
0.1797
T2
T3
T4
T5
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2390
0.2060
0.2433
0.2012
0.2476
0.1964
0.2519
0.1916
0.2430
0.2131
0.2473
0.2083
0.2516
0.2035
0.2559
0.1987
0.2473
0.2083
0.2516
0.2035
0.2559
0.1987
0.2602
0.1939
0.2433
0.2012
0.2476
0.1964
0.2519
0.1916
0.2562
0.1868
V2
V3
V4
V5
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2430
0.2131
0.2473
0.2083
0.2516
0.2035
0.2559
0.1987
0.2470
0.2202
0.2513
0.2154
0.2556
0.2106
0.2599
0.2058
0.2513
0.2154
0.2556
0.2106
0.2599
0.2058
0.2642
0.2010
0.2473
0.2083
0.2516
0.2035
0.2559
0.1987
0.2602
0.1939
W2
W3
W4
W5
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2470
0.2202
0.2513
0.2154
0.2556
0.2106
0.2599
0.2058
0.2510
0.2273
0.2553
0.2225
0.2596
0.2177
0.2639
0.2129
0.2553
0.2225
0.2596
0.2177
0.2639
0.2129
0.2682
0.2081
0.2513
0.2154
0.2556
0.2106
0.2599
0.2058
0.2642
0.2010
X2
X3
X4
X5
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2510
0.2273
0.2553
0.2225
0.2596
0.2177
0.2639
0.2129
0.2550
0.2345
0.2593
0.2297
0.2636
0.2249
0.2679
0.2201
0.2593
0.2297
0.2636
0.2249
0.2679
0.2201
0.2722
0.2153
0.2553
0.2225
0.2596
0.2177
0.2639
0.2129
0.2682
0.2081
Y2
Y3
Y4
Y5
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2550
0.2345
0.2593
0.2297
0.2636
0.2249
0.2679
0.2201
0.2589
0.2416
0.2632
0.2368
0.2675
0.2320
0.2718
0.2272
0.2632
0.2368
0.2675
0.2320
0.2718
0.2273
0.2761
0.2225
0.2593
0.2297
0.2636
0.2249
0.2679
0.2201
0.2722
0.2154
Z2
Z3
Z4
Z5
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.2589
0.2416
0.2632
0.2368
0.2675
0.2320
0.2718
0.2273
0.2628
0.2488
0.2671
0.2440
0.2714
0.2392
0.2757
0.2344
0.2671
0.2440
0.2714
0.2392
0.2757
0.2344
0.2800
0.2296
0.2632
0.2368
0.2675
0.2320
0.2718
0.2273
0.2760
0.2224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com