Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-3014A10-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3014A10-R80
Description  PLCC-2 Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3014A10-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-3014A10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3014A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.1
Page 1 of 9
SINCE 1981
● Features:
1.
Emitted Color : White.
CCT: 4757~7040K
2.
Lens Appearance: Yellow clear.
3.
3.0x1.5x1.38mm standard package
4.
Suitable for all SMT assembly methods.
5.
Compatible with infrared and vapor phase
reflow solder process.
6.
Compatible with automatic placement
equipment.
7.
This product doesn
’t contain restriction
Substance, comply ROHS standard.
● Applications:
1. Automotive : Dashboards, stop lamps,
turn signals.
2. Backlighting : LCDs, Key pads advertising.
3. Status indicators : Comsumer & industrial
electronics.
4.
General use.
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
272
mW
Forward Current
IF
80
mA
Peak Forward Current
IFP
120
mA
LED Junction Temperature
TJ
115
℃
Operating Temperature
Topr
-40~+85
℃
Storage Temperature
Tstg
-40~+100
℃
Soldering Temperature
Tsol
See Page 8
-
*1 Condition for IFp is pulse of 1/10 duty and 3 msec width.
Package Dimensions:
NOTES:
1.All dimensions are in millimeters.
2.Tolerance is
±0.10mm unless otherwise specified.
3.Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com