Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-3014SN10-R80 Datasheet(PDF) 1 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-3014SN10-R80
Description  PLCC-2 Components
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-3014SN10-R80 Datasheet(HTML) 1 Page - American Bright OPTOELECTRONICS CORP.

  BL-3014SN10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-3014SN10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-3014SN10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-3014SN10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-3014SN10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-3014SN10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-3014SN10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-3014SN10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-3014SN10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 2 of 11
SI N CE 198 1
● Features:
1. Emitted Color:
White..
CCT: 3710~4745K
2. Lens Appearance: Yellow clear.
3. 3.0x1.4x0.75mm standard package.
4. Suitable for all SMT assembly methods.
5. Compatible with infrared and vapor phase
reflow solder process.
6. Compatible with automatic placement
equipment.
7. This product doesn’t contain restriction
Substance, comply ROHS standard.
● Applications:
1. Lighting
2. Automotive lighting.
3. Backlighting: LCDs
4. Status indicators: Consumer & industrial
electronics.
5. General use.
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
200
mW
Forward Current
IF
80
mA
*
1Peak Forward Current
IFP
120
mA
LED Junction Temperature
TJ
105
℃
Operating Temperature
Topr
-30~+80
℃
Storage Temperature
Tstg
-40~+100
℃
Soldering Temperature
Tsol
See Page 8
-
Note : IFP is pulse of 1/10 duty at 1KHz
Package Dimensions:
NOTES:
1.All dimensions are in millimeters.
2.Tolerance is ±0.10mm
unless otherwise specified.
3.Specifications are subject to change without notice.
2
1
2
1
Polarity
Unit:mm


Similar Part No. - BL-3014SN10-R80

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-3014A10-R80 AMERICANBRIGHT-BL-3014A10-R80 Datasheet
394Kb / 10P
PLCC-2 Components
Ver1.1
BL-3014N10-R80 AMERICANBRIGHT-BL-3014N10-R80 Datasheet
432Kb / 10P
PLCC-2 Components
Ver1.0
BL-3014W10-R80 AMERICANBRIGHT-BL-3014W10-R80 Datasheet
440Kb / 11P
PLCC-2 Components
Ver1.0
More results

Similar Description - BL-3014SN10-R80

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-2835A10-34 AMERICANBRIGHT-BL-2835A10-34 Datasheet
423Kb / 11P
PLCC-2 Components
Ver1.0
BL-2835A10-V18 AMERICANBRIGHT-BL-2835A10-V18 Datasheet
430Kb / 11P
PLCC-2 Components
Ver1.1
BL-2835A10 AMERICANBRIGHT-BL-2835A10 Datasheet
424Kb / 11P
PLCC-2 Components
Ver1.0
BL-2835C10-34-R80 AMERICANBRIGHT-BL-2835C10-34-R80 Datasheet
440Kb / 12P
PLCC-2 Components
Ver1.0
BL-2835CX12-16-R70 AMERICANBRIGHT-BL-2835CX12-16-R70 Datasheet
452Kb / 12P
PLCC-2 Components
Ver1.0
BL-2835CX12-V06 AMERICANBRIGHT-BL-2835CX12-V06 Datasheet
445Kb / 12P
PLCC-2 Components
Ver1.0
BL-2835CX13-28-V09 AMERICANBRIGHT-BL-2835CX13-28-V09 Datasheet
445Kb / 12P
PLCC-2 Components
Ver1.0
BL-2835N10-R80 AMERICANBRIGHT-BL-2835N10-R80 Datasheet
428Kb / 10P
PLCC-2 Components
Ver1.0
BL-2835PCX12-34-R80 AMERICANBRIGHT-BL-2835PCX12-34-R80 Datasheet
458Kb / 12P
PLCC-2 Components
Ver1.0
BL-3030PA10-42-R80 AMERICANBRIGHT-BL-3030PA10-42-R80 Datasheet
421Kb / 10P
PLCC-2 Components
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com