Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRV6CSLABXB12502MA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # PRV6CSLABXB12502MA
Description  Fully Sealed Potentiometer Cermet or Conductive Plastic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRV6CSLABXB12502MA Datasheet(HTML) 5 Page - Vishay Siliconix

  PRV6CSLABXB12502MA Datasheet HTML 1Page - Vishay Siliconix PRV6CSLABXB12502MA Datasheet HTML 2Page - Vishay Siliconix PRV6CSLABXB12502MA Datasheet HTML 3Page - Vishay Siliconix PRV6CSLABXB12502MA Datasheet HTML 4Page - Vishay Siliconix PRV6CSLABXB12502MA Datasheet HTML 5Page - Vishay Siliconix PRV6CSLABXB12502MA Datasheet HTML 6Page - Vishay Siliconix PRV6CSLABXB12502MA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PRV6
www.vishay.com
Vishay Sfernice
Revision: 15-Jun-2022
5
Document Number: 51035
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Not standard, special manufacturing
Shafts
Shaft lengths are measured from the mounting face to the free end of the shaft. Special shafts are
available if the customer supplies a drawing. The shaft slot is aligned to the wiper within ± 10°.
Locating peg
Except for dia. 4 mm shaft, the potentiometers are delivered with 2 opposite locating pegs orientated
at 45°.These 2 pegs can be easily broken-off by the customer. On request, the orientation of the pegs
can be at 30° instead of 45°.
Ground pin
On request, ground pin can be added to PRV6 model, to connect body to ground
LOCATING PEG CODE
BUSHING
OLD CODE
A
L
R
0
A6
x
x
x (1)
B61
x
x
x (1)
C62
x
x
x (1)
D61H
x
x
x (1)
E62H
x
x
x (1)
H6Q
x
I
61Q
x
J6QP
x
K
61QP
x
S
61QH
x
S61QPH
x
OPTIONS
SPECIAL FEATURES



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com