Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN8771 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN8771
Description  Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Configurations Combo Battery Charger with SMBus Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN8771 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN8771 Datasheet HTML 1Page - Renesas Technology Corp FN8771 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FN8771 Rev 2.00
Page 1 of 2
Jul.18.19
FN8771
Rev 2.00
Jul.18.19
ISL95521
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Configurations Combo
Battery Charger with SMBus Interface
DATA SHORT
The ISL95521 is a highly versatile combo battery charger
configurable for operating as either a Hybrid Power Boost
(HPB) charger or a Narrow VDC (NVDC) charger, supporting 2-,
3-, or 4-cell batteries. Both configurations allow the battery to
work with the adapter together to supply the system load when
it exceeds the adapter capability, referred to as system Turbo
mode. The HPB charger configuration reverse-boosts battery
energy to the system bus to help the adapter provide system
power in Turbo mode. The NVDC charger configuration quickly
turns on BGATE to enable the battery to help the adapter
provide system power in Turbo mode.
The ISL95521 uses N-channel MOSFETs (NFETs) for all the
switches to achieve the best performance and lowest BOM
cost. The internal charge pump is capable of turning on all the
NFETs fast or slow depending on the circumstance or the need.
The ability to quickly turn on NFETs prevents system bus
voltage drop when the battery is suddenly removed in Turbo
mode or in battery learn mode.
The ISL95521 provides many protection features including a
PROCHOT# indicator for system low voltage, adapter
overcurrent, battery overcurrent or overheating, with an array
of SMBus programmable parameters for maximum flexibility.
The ISL95521 also features hardware based adapter current
limit and battery-current limit in addition to SMBus
programmable limits.
The ISL95521 provides high accuracy adapter current monitor,
battery current monitor, and system power monitor outputs. To
provide maximum flexibility for working with high power and
low power systems, the ISL95521 provides several
configurable current-sense resistor value options to achieve
the best trade-off of current sensing accuracy vs power loss.
The ISL95521 uses the Renesas Robust Ripple Regulator
(R3™) modulation scheme to provide excellent light-load
efficiency and fast dynamic response. The ISL95521 is
available in a 32 Ld 4mmx4mm QFN package.
Features
• Configurable as an HPB charger or NVDC charger
• Compliant with Intel PROCHOT# and PSYS requirements
• Adapter current monitor and battery discharging current
monitor
• Uses NFET for all the switches
- Supports battery removal during battery learn mode
- Actively controlled inrush current to prevent FET damage
• SMBus programmable settings and high accuracy
• Comprehensive protection features;
- PROCHOT# indicator for system low voltage, adapter
overcurrent, battery overcurrent, and system overheating
- Hardware-based adapter current and battery current
limits
- Supports sudden battery removal in system Turbo mode
• 16 switching frequency options from 350kHz to 1MHz
•Low quiescent current
• SMBus and auto-increment I2C compatible
• Robust Ripple Regulator (R3) modulation scheme provides
excellent light-load efficiency and fast dynamic response
• 32 Ld 4mmx4mm QFN package
• Pb-free (RoHS compliant)
Applications
• Devices with rechargeable 2-, 3-, or 4-cell batteries
Related Literature
• ISL95521 device page
FIGURE 1. HPB CHARGER CONFIGURATION
FIGURE 2. NVDC CHARGER CONFIGURATION
L
ADAPTER
SYSTEM
BGATE
LGATE
PHASE
UGATE
VADP
VSYS
VBAT
BFET
HPB
CHARGER
CMSRC
ASGATE
VBAT
AFET
SFET
Q1
Q2
PROG
L
ADAPTER
BGATE
LGATE
PHASE
UGATE
VADP
VSYS
VBAT
BFET
NVDC
CHARGER
CMSRC
ASGATE
VBAT
AFET
SFET
Q1
Q2
PROG
SYSTEM


Similar Part No. - FN8771

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FN8724 RENESAS-FN8724 Datasheet
3Mb / 34P
High Efficiency Single Inductor Positive/Negative Power Supply
Rev.2.01 Dec 7, 2021
More results

Similar Description - FN8771

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95520 INTERSIL-ISL95520 Datasheet
113Kb / 2P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Configurations Combo Battery Charger With SMBus Interface
February 18, 2015
ISL95521 INTERSIL-ISL95521 Datasheet
114Kb / 2P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Configurations Combo Battery Charger with SMBus Interface
September 23, 2015
logo
Renesas Technology Corp
ISL88739 RENESAS-ISL88739 Datasheet
194Kb / 2P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Combo Battery Charger With SMBus Interface
ISL95520 RENESAS-ISL95520 Datasheet
193Kb / 2P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Configurations Combo Battery Charger With SMBus Interface
ISL95521B RENESAS-ISL95521B Datasheet
218Kb / 2P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Combo Battery Charger with SMBus Interface
ISL95520 RENESAS-ISL95520_V01 Datasheet
194Kb / 2P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Configurations Combo Battery Charger With SMBus Interface
Jul 29, 2019
ISL95521A RENESAS-ISL95521A_V01 Datasheet
173Kb / 2P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Combo Battery Charger with SMBus Interface
Jul.19.19
ISL95521B RENESAS-ISL95521B_V01 Datasheet
207Kb / 3P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Combo Battery Charger with SMBus Interface
Jul 19, 2019
ISL95522 RENESAS-ISL95522 Datasheet
218Kb / 3P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Combo Battery Charger with SMBus Interface
Jul 9, 2019
ISL95522A RENESAS-ISL95522A Datasheet
167Kb / 3P
Hybrid Power Boost (HPB) and Narrow VDC (NVDC) Combo Battery Charger with SMBus Interface
Oct.19.20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com