Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM7002A Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLDM7002A
Description  SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7002A Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLDM7002A Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7002A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
B
C
H
G
F
D
E
E
R0
12
3
65
4
Central
Semiconductor Corp.
TM
SOT-563 CASE - MECHANICAL OUTLINE
CMLDM7002A
CMLDM7002AJ
SURFACE MOUNT PICOminiTM
DUAL N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
R3 (19-December 2003)
LEAD CODE:
1) GATE Q1
2) SOURCE Q1
3) DRAIN Q2
4) GATE Q2
5) SOURCE Q2
6) DRAIN Q1
MARKING CODE: L02
LEAD CODE:
1) SOURCE Q1
2) GATE Q1
3) DRAIN Q2
4) SOURCE Q2
5) GATE Q2
6) DRAIN Q1
MARKING CODE: 02J
CMLDM7002A (USA Pinout)
CMLDM7002AJ (Japanese Pinout)
ELECTRICAL CHARACTERISTICS PER TRANSISTOR - Continued (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
ton
VDD=30V, VGS=10V, ID=200mA,
20
ns
toff
RG=25Ω, RL=150Ω
20
ns
VSD
VGS=0V, IS=400mA
1.2
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com