Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM7003 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM7003
Description  SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7003 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM7003 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7003 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINAR
Y
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
50
V
Drain-Gate Voltage
VDG
50
V
Gate-Source Voltage
VGS
40
V
Continuous Drain Current
ID
300
mA
Maximum Pulsed Drain Current
IDM
1.2
A
Power Dissipation
PD
350
mW (Note 1)
Power Dissipation
PD
300
mW (Note 2)
Power Dissipation
PD
150
mW (Note 3)
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS PER TRANSISTOR (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=5V
50
nA
IGSSF, IGSSR
VGS=10V
500
nA
IGSSF, IGSSR
VGS=12V
1.0
µA
IDSS
VDS=50V, VGS=0V
50
nA
BVDSS
VGS=0V, ID=10µA
50
V
VGS(th)
VDS=VGS, ID=250µA
0.5
1.2
V
rDS(ON)
VGS=1.8V, ID=50mA
1.6
2.3
Ω
rDS(ON)
VGS=2.5V, ID=50mA
1.3
1.9
Ω
rDS(ON)
VGS=5.0V, ID=50mA
1.1
1.5
Ω
gFS
VDS=10V, ID=200mA
200
mmhos
Crss
VDS=25V, VGS=0, f=1.0MHz
TBD
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
TBD
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
TBD
pF
VSD
VGS=0V, IS=115mA
1.4
V
CMLDM7003
CMLDM7003J
SURFACE MOUNT PICOminiTM
DUAL N-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
SOT-563 CASE
Central
Semiconductor Corp.
TM
R0 (26-June 2006)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLDM7003 and
CMLDM7003J are Enhancement-mode N-Channel Field
Effect Transistors, manufactured by the N-Channel
DMOS Process, designed for high speed pulsed amplifier
and driver applications. The CMLDM7003 utilizes the
USA pinout configuration, while the CMLDM7003J utilizes
the Japanese pinout configuration. These special Dual
Transistor devices offer low drain-source on state
resistance (rDS(ON)).
MARKING CODE: CMLDM7003:
C30
CMLDM7003J:
C3J
Notes: (1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0 mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0 mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4 mm2


Similar Part No. - CMLDM7003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7003 CENTRAL-CMLDM7003 Datasheet
233Kb / 2P
SURFACE MOUNT PICOminiTM DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003 CENTRAL-CMLDM7003 Datasheet
523Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003 CENTRAL-CMLDM7003 Datasheet
730Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFETS
CMLDM7003E CENTRAL-CMLDM7003E Datasheet
527Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003E CENTRAL-CMLDM7003E Datasheet
734Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL
More results

Similar Description - CMLDM7003

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7002A CENTRAL-CMLDM7002A Datasheet
106Kb / 2P
SURFACE MOUNT PICOmini DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM8002A CENTRAL-CMLDM8002A Datasheet
84Kb / 2P
SURFACE MOUNT PICOmini DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7002A CENTRAL-CMLDM7002A_10 Datasheet
629Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMRDM3590 CENTRAL-CMRDM3590_12 Datasheet
436Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CWDM305ND CENTRAL-CWDM305ND Datasheet
1Mb / 3P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMLDM7003TG CENTRAL-CMLDM7003TG_15 Datasheet
779Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM7005 CENTRAL-CMLDM7005_15 Datasheet
1Mb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMXDM7002A CENTRAL-CMXDM7002A_15 Datasheet
709Kb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CTLDM303N-M832DS CENTRAL-CTLDM303N-M832DS_15 Datasheet
684Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CWDM305ND CENTRAL-CWDM305ND_15 Datasheet
1Mb / 3P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com