Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM0205 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLM0205
Description  MULTI DISCRETE MODULE??SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0205 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLM0205 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0205 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMLM0205
MULTI DISCRETE MODULE
SURFACE MOUNT
N-CHANNEL MOSFET AND
LOW VF SILICON SCHOTTKY DIODE
R0 (12-October 2004)
ELECTRICAL CHARACTERISTICS Q1 (continued)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
Crss
VDS=25V, VGS=0, f=1.0MHz
5.0
pF
Ciss
VDS=25V, VGS=0, f=1.0MHz
50
pF
Coss
VDS=25V, VGS=0, f=1.0MHz
25
pF
ton
VDD=30V, VGS=10V, ID=200mA,
20
ns
toff
RG=25Ω, RL=150Ω
20
ns
VSD
VGS=0V, IS=400mA
1.2
V
ELECTRICAL CHARACTERISTICS D1 (TA=25°C)
IR
VR= 10V
20
µA
IR
VR= 30V
100
µA
BVR
IR= 500µA
40
V
VF
IF= 100µA
0.13
V
VF
IF= 1.0mA
0.21
V
VF
IF= 10mA
0.27
V
VF
IF= 100mA
0.35
V
VF
IF= 500mA
0.47
V
CT
VR= 1.0V, f=1.0 MHz
50
pF
A
B
C
H
G
F
D
E
E
R0
12
3
65
4
SOT-563 - MECHANICAL OUTLINE
LEAD CODE:
1) GATE Q1
2) SOURCE Q1
3) CATHODE D1
4) ANODE D1
5) ANODE D1
6) DRAIN Q1
MARKING CODE: C25



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com