Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLM0405 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMLM0405
Description  MULTI DISCRETE MODULE??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0405 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMLM0405 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0405 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Central
Semiconductor Corp.
TM
CMLM0405
MULTI DISCRETE MODULE ™
SURFACE MOUNT
LOW VCE (SAT) SILICON NPN TRANSISTOR
AND
LOW VF SILICON SCHOTTKY DIODE
R1 (22-February 2005)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
100
400
hoe
VCE=10V, IC=1.0mA, f=1.0kHz
1.0
60
µmhos
NF
VCE=5.0V,IC=100µA, RS =1.0KΩ,
4.0
dB
f=10Hz to 15.7kHz
td
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
35
ns
tr
VCC=3.0V, VBE=0.5V, IC=10mA, IB1=1.0mA
35
ns
ts
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
200
ns
tf
VCC=3.0V, IC=10mA, IB1=IB2=1.0mA
50
ns
ELECTRICAL CHARACTERISTICS D1 (TA=25°C)
IR
VR= 10V
20
µA
IR
VR= 30V
100
µA
BVR
IR= 500µA
40
V
VF
IF= 100µA
0.13
V
VF
IF= 1.0mA
0.21
V
VF
IF= 10mA
0.27
V
VF
IF= 100mA
0.35
V
VF
IF= 500mA
0.47
V
CT
VR= 1.0V, f=1.0 MHz
50
pF
A
B
C
H
G
F
D
E
E
R0
12
3
65
4
SOT-563 - MECHANICAL OUTLINE
LEAD CODE:
1) EMITTER Q1
2) BASE Q1
3) CATHODE D1
4) ANODE D1
5) ANODE D1
6) COLLECTOR Q1
MARKING CODE: C45
ELECTRICAL CHARACTERISTICS Q1 (continued)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com