Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTC017 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TTC017
Description  Bipolar Transistors Silicon NPN Epitaxial Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TTC017 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TTC017 Datasheet HTML 1Page - Toshiba Semiconductor TTC017 Datasheet HTML 2Page - Toshiba Semiconductor TTC017 Datasheet HTML 3Page - Toshiba Semiconductor TTC017 Datasheet HTML 4Page - Toshiba Semiconductor TTC017 Datasheet HTML 5Page - Toshiba Semiconductor TTC017 Datasheet HTML 6Page - Toshiba Semiconductor TTC017 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TTC017
2
4.
4.
4.
4. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current (DC)
Collector current (pulsed)
Base current
Collector power dissipation
Collector power dissipation
Junction temperature
Storage temperature
(Tc = 25 )
(Note 1)
(Note 1)
(Note 2)
Symbol
VCBO
VCEX
VCEO
VEBO
IC
ICP
IB
PC
PC
Tj
Tstg
Rating
160
160
80
9
3
5
1.5
1.2
12
175
-55 to 150
Unit
V
A
W
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Ensure that the junction temperature does not exceed 175 .
Note 2: Merely junction temperature is guaranteed 175 .
Storage temperature range is guaranteed as usual (-55 to 150 ).
5.
5.
5.
5. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
5.1.
5.1.
5.1.
5.1. Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, T
Static Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Collector cut-off current
Emitter cut-off current
Collector-emitter breakdown voltage
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Symbol
ICBO
IEBO
V(BR)CEO
hFE(1)
hFE(2)
hFE(3)
VCE(sat)(1)
VCE(sat)(2)
VBE(sat)
Test Condition
VCB = 160 V, IE = 0 A
VEB = 9 V, IC = 0 A
IC = 10 mA, IB = 0 A
VCE = 2 V, IC = 1 mA
VCE = 2 V, IC = 0.5 A
VCE = 2 V, IC = 1 A
IC = 0.5 A, IB = 50 mA
IC = 1 A, IB = 100 mA
IC = 1 A, IB = 100 mA
Min
80
150
180
100
Typ.
Max
100
100
450
0.3
0.5
1.5
Unit
nA
V
V
2015-03-24
Rev.1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com