Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACASPROF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ACASPROF
Description  Professional Thin Film Chip Resistor Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACASPROF Datasheet(HTML) 5 Page - Vishay Siliconix

  ACASPROF Datasheet HTML 1Page - Vishay Siliconix ACASPROF Datasheet HTML 2Page - Vishay Siliconix ACASPROF Datasheet HTML 3Page - Vishay Siliconix ACASPROF Datasheet HTML 4Page - Vishay Siliconix ACASPROF Datasheet HTML 5Page - Vishay Siliconix ACASPROF Datasheet HTML 6Page - Vishay Siliconix ACASPROF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ACAS 0612 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 13-Dec-12
5
Document Number: 28754
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL PERFORMANCE
100
- 55
Ambient Temperature in °C
155
0
050
70
20
40
60
80
100
125
180
Derating
10K
10
Resistance Value R
100K
10
100
10K
100
1K
Ω
V
1K
10M
1M
Pulse load rating for arrays with equal values, design type AE, in accordance with
EN 60115-1 clause 4.27; 1.2 µs/50 µs; 5 pulses at 12 s interval; for permissible resistance change (0.5 %
R + 0.05
Ω)
1.2/50 Pulse
10K
10
Resistance Value R
100K
10
100
10K
100
1K
Ω
V
1K
10M
1M
Pulse load rating rating for arrays with equal values, design type AE in accordance with
EN 60115-1 clause 4.27; 10 µs/700 µs; 10 pulses at 1 min intervals; for permissible resistance change (0.5 %
R + 0.05
Ω)
10/700 Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com