Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOM40LX192 Datasheet(PDF) 2 Page - Hanbit Electronics Co.,Ltd

Part # DOM40LX192
Description  40Pin Flash Disk Module for 128MB,192M, 256M, True IDE Interface Mode, 5.0V
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANBIT [Hanbit Electronics Co.,Ltd]
Direct Link  http://www.hbe.co.kr
Logo HANBIT - Hanbit Electronics Co.,Ltd

DOM40LX192 Datasheet(HTML) 2 Page - Hanbit Electronics Co.,Ltd

  DOM40LX192 Datasheet HTML 1Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 2Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 3Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 4Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 5Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 6Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 7Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 8Page - Hanbit Electronics Co.,Ltd DOM40LX192 Datasheet HTML 9Page - Hanbit Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HANBit
HFDOM-40LX Series
URL : www.hbe.co.kr
2 / 2
HANBit Electronics Co., Ltd
.
REV 1.0 (February, 2003.)
ELECTRICAL SPECIFICATIONS
Table 1.1 Absolute Maximum Ratings
Parameters
Symbol
Min
Max
Unit
Test Condition
Storage Temperature
Tstg
-65
150
°C
Power Supply Voltage
Vcc
-0.3
7
V
Input or Output Voltage
Vin, Vout
Gnd-0.5
Vcc+0.5
V
NOTE :Stress above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the
device at these or any conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Table 1.2 Recommended Operating Conditions
Parameters
Symbol
Min
Max
Unit
Test Condition
Operating Temperature
Ta
0
70
°C
Supply Voltage
Vcc
4.5
5.5
V
Table 1.3 DC Characteristics (Ta = 0 to +70°C, Vcc = 5V ± 10%, Vcc = 3V ± 5%)
Parameters
Symbol
Min
Max
Unit
Test Condition
Power Supply voltage
Vdd
3.15
5.5
V
Input Low Voltage
Vil
-0.5
0.8
V
Input High Voltage
Vih
2.0
Vdd+0.3
V
Output Low Voltage
Vol
-
0.4
V
Output High Voltage
Voh
2.4
-
V
Input Leakage
Il
-5
5
uA
Output Capacitance
Cout
-
10
pF
Read Current
Irc
55
mA
Write Current
Iwr
55
mA
Sleep Current
Isc
200
uA
CAPACITY SPECIFICATIONS
Table 1.4 Capacity Specifications
Part Number
Capacity (Unformatted)
Sectors/Card
Cylinders
Heads
Sectors/Track
HFDOM-40LX128
128,188,416 bytes
250,368
978
8
32
HFDOM-40LX192
193,462,272 bytes
377,856
738
16
32
HFDOM-40LX256
257,949,696 bytes
503,808
984
16
32



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com