Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR1DAL Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # MSR1DAL
Description  Surface Mount Super Fast Recovery Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MSR1DAL Datasheet(HTML) 4 Page - Pan Jit International Inc.

  MSR1DAL Datasheet HTML 1Page - Pan Jit International Inc. MSR1DAL Datasheet HTML 2Page - Pan Jit International Inc. MSR1DAL Datasheet HTML 3Page - Pan Jit International Inc. MSR1DAL Datasheet HTML 4Page - Pan Jit International Inc. MSR1DAL Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSR1DAL
January 6,2021
MSR1DAL-REV.00
Page 4
Part No. Packing Code Version
Packaging Information & Mounting Pad Layout
SOD-123FL Dimension
Unit: inch(mm)
SOD-123FL Pad Layout
Unit: inch(mm)
Part No. Packing Code
Package Type
Packing Type
Marking
Version
MSR1DAL_R1_00001
SOD-123FL
3K / 7" Reel
M1A
Halogen free
0.115(2.90)
0.106(2.70)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.004(0.10)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)
0.167
(4.25)
0.122
(3.10)
0.045
(1.15)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com