Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP63301Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP63301Q
Description  AUTOMOTIVE-COMPLIANT, 32V, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP63301Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AP63301Q Datasheet HTML 1Page - Diodes Incorporated AP63301Q Datasheet HTML 2Page - Diodes Incorporated AP63301Q Datasheet HTML 3Page - Diodes Incorporated AP63301Q Datasheet HTML 4Page - Diodes Incorporated AP63301Q Datasheet HTML 5Page - Diodes Incorporated AP63301Q Datasheet HTML 6Page - Diodes Incorporated AP63301Q Datasheet HTML 7Page - Diodes Incorporated AP63301Q Datasheet HTML 8Page - Diodes Incorporated AP63301Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AP63300Q/AP63301Q
Document number: DS43699 Rev. 1 - 2
3 of 22
www.diodes.com
May 2021
© Diodes Incorporated
AP63300Q/AP63301Q
Pin Descriptions
Pin Name
Pin Number
Function
FB
1
Feedback sensing terminal for the output voltage. Connect this pin to the resistive divider of the output.
See Setting the Output Voltage section for more details.
EN
2
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator and low to
turn it off. Connect to VIN or leave floating for automatic startup. The EN has a precision threshold of 1.18V for
adjusting the UVLO. See Enable section for more details.
VIN
3
Power Input. VIN supplies the power to the IC as well as the step-down converter
’s power MOSFETs. Drive VIN with
a 3.8V to 32V power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise due to the
switching of the IC. See Input Capacitor section for more details.
GND
4
Power Ground.
SW
5
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC filter
from SW to the output load.
BST
6
High-Side Gate Drive Boost Input. BST supplies the drive for the high-side N-channel power MOSFET. A 100nF
capacitor is recommended from BST to SW to power the high-side driver.
Functional Block Diagram
0.88V
OVP
+
SE = 0.84V/T
RT = 0.2V/A
FB
SW
VIN
ON
3
0.8V
VCC
+
-
1
+
+
-
+
-
+
-
OSC
VSUM
Control
Logic
0.8V
Ref
PWM
Comparator
OCP
5
6
4
OVP
+
-
CSA
BST
GND
EN
2
Error
Amplifier
500kHz
Oscillator
Internal SS
Thermal
Shutdown
TSD
COMP
VCC
Regulator
Internal
Reference
1.18V
I1
1.5μA
I2
4μA
20kΩ
+
–
Figure 4. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com