Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64060 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP64060
Description  4.5V TO 40V INPUT, 600mA SYNCHRONOUS BUCK WITH ENHANCED EMI REDUCTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64060 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP64060 Datasheet HTML 9Page - Diodes Incorporated AP64060 Datasheet HTML 10Page - Diodes Incorporated AP64060 Datasheet HTML 11Page - Diodes Incorporated AP64060 Datasheet HTML 12Page - Diodes Incorporated AP64060 Datasheet HTML 13Page - Diodes Incorporated AP64060 Datasheet HTML 14Page - Diodes Incorporated AP64060 Datasheet HTML 15Page - Diodes Incorporated AP64060 Datasheet HTML 16Page - Diodes Incorporated AP64060 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP64060
Document number: DS44123 Rev. 2 - 2
13 of 18
www.diodes.com
August 2022
© Diodes Incorporated
AP64060
Application Information (continued)
9
Setting the Output Voltage
The AP64060 has adjustable output voltages starting from 0.8V using an external resistive divider. An optional external capacitor, C4 in Figure 1,
of 10pF to 220pF improves the transient response. The resistor values of the feedback network are selected based on a design trade-off between
efficiency and output voltage accuracy. There is less current consumption in the feedback network for high resistor values, which improves
efficiency at light loads. However, values too high cause the device to be more susceptible to noise affecting its output voltage accuracy. R1 can
be determined by the following equation:
������������ = ������������ ∙ (
������������������������
������. ������������
− ������)
Eq. 4
Table 1 shows a list of recommended component selections for common AP64060 output voltages referencing Figure 1.
Table 1. Recommended Component Selections
AP64060
Output Voltage
(V)
R1
(k
Ω)
R2
(k
Ω)
L
(µH)
CIN
(µF)
COUT
(µF)
C3
(nF)
C4
(pF)
1.8
27.4
22.1
4.7
2.2
10x2
100
OPEN
2.5
47.5
22.1
6.8
2.2
10x2
100
OPEN
3.3
69.8
22.1
8.2
2.2
10x2
100
OPEN
5.0
115
22.1
10
2.2
10x2
100
OPEN
12.0
309
22.1
22
2.2
10x3
100
OPEN
10
Inductor
Calculating the inductor value is a critical factor in designing a buck converter. For most designs, the following equation can be used to calculate
the inductor value:
������ =
������������������������ ∙ (������������������ − ������������������������)
������������������ ∙ ∆������������ ∙ ������������������
Eq. 5
Where:
∆IL is the inductor current ripple
fSW is the buck converter switching frequency
For the AP64060
, choose ∆IL to be 20% to 30% of the maximum load current of 1A.
The inductor peak current is calculated by:
������������
������������������������ = ������������������������������ +
∆������������
������
Eq. 6
Peak current determines the required saturation current rating, which influences the size of the inductor. Saturating the inductor decreases the
converter efficiency while increasing the temperatures of the inductor and the internal power MOSFETs. Therefore, choosing an inductor with the
appropriate saturation current rating is important. For most applications, it is recommended to select an inductor of approximately 4.7µH to 22µH
with a DC current rating of at least 35% higher than the maximum load current. For
highest efficiency, the inductor’s DC resistance should be less
than 7
0mΩ. Use a larger inductance for improved efficiency under light load conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com