Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT902L-R Datasheet(PDF) 28 Page - Bridgetek Pte Ltd.

Part # FT902L-R
Description  Embedded Microcontroller
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT902L-R Datasheet(HTML) 28 Page - Bridgetek Pte Ltd.

Back Button FT902L-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT902L-R Datasheet HTML 32Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
Copyright © Bridgetek Pte Ltd
28
FT900
/1/2/3 Revision C Embedded Microcontroller Datasheet
Version 1.0
Document No. BRT_000172 Clearance No.: BRT#087
Supports single shot transmission.
Supports an abort transmission feature.
Readable error counters and last error code capture supported.
4.11
Real Time Clock
The Real Time Clock (RTC) runs off a dedicated 32.768 kHz oscillator with its own power rail which can be
connected to a separate battery via the VBAT pin.
4.11.1
Features
Built-in Clock Stabilizer for the 32.768 kHz input
Records system sleep time
Supports Date and Time format in BCD
Counts Second, Minute, Hour, Day, Date of the Month, Month and Year with Leap-Year
Compensation Valid up to 2199
Supports two configurable Time-of-Day Alarms
Supports interrupt for two configurable alarm events
Supports On-Chip Digital Trimming with Auto Calibration
4.12
One-Wire Debugger Interface
The Debugger interface provides the capability, over a One-Wire half duplex serial link, to access memory
mapped address space, such as the FT900 Flash memory, program memory, data memory and I/O
memory. However, there is no transfer capability from any of the internal memory to the debugger
interface.
4.12.1
Features
Single wire half duplex link that has one Start, eight Data and one Stop bits at a 1M bit/s rate.
Supports debugger command read / write operation with variable data transfer.
Supports CHIP ID read out.
Supports checksum check by Flash memory operation.
Supports CPU software debugging to execute Run, Stop, Step, Halt, Set software breakpoint, etc.
operations.
Use semaphore flag to control resource allocated by CPU or Debugger.
4.13
SPI Interface
The FT900/1/2/3 series contains an SPI master and SPI0, SPI1 slave controllers. SPI is a full duplex
serial interface designed to handle multiple masters and slaves connected to a given bus.
4.13.1
Features
Maximum SPI data bit rate 50MHz in master and 25MHz in slave modes.
Full duplex synchronous serial data transfer.
Compliant with SPI specification, support four transfer formats.
SPI master supports Single, Dual and Quad SPI transfer.
SPI0, SPI1 slave support Single transfer only.
Support SPI mode and FIFO mode operations.
Multi-master system supported.
Support bus error detection.
SPI master can address up to 4 SPI slave devices.
Support 16/64 Bytes receiver and 16/64 Bytes transmitter FIFO respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com