Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC02A Datasheet(PDF) 10 Page - Ceramate Technical

Part # 24LLC02A
Description  2K-Bits Serial EEPROM For Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC02A Datasheet(HTML) 10 Page - Ceramate Technical

Back Button 24LLC02A Datasheet HTML 6Page - Ceramate Technical 24LLC02A Datasheet HTML 7Page - Ceramate Technical 24LLC02A Datasheet HTML 8Page - Ceramate Technical 24LLC02A Datasheet HTML 9Page - Ceramate Technical 24LLC02A Datasheet HTML 10Page - Ceramate Technical 24LLC02A Datasheet HTML 11Page - Ceramate Technical 24LLC02A Datasheet HTML 12Page - Ceramate Technical 24LLC02A Datasheet HTML 13Page - Ceramate Technical 24LLC02A Datasheet HTML 14Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
24LLC02
2K-Bits Serial EEPROM For Low Power
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 10 of 19
Rev 1.0 Dec. 26, 2001
POLLING FOR AN ACK SIGNAL
When the master issues a stop condition to initiate a write cycle, the 24LLC02 starts an internal write cycle.
The master can then immediately begin polling for an ACK from the slave device.
To poll for an ACK signal in a write operation, the master issues a start condition followed by the slave address.
As long as the 24LLC02 remains busy with the write operation, no ACK is returned. When the 24LLC02
completes the write operation, it returns an ACK and the master can then proceed with the next read or write
operation (see Figure 1-11).
Send Write
Command
Send Stop Condition to
Initiate Write Cycle
Send Start
Condition
Send Slave Address
with R/ W bit = "0"
Start Next
Operation
ACK = "0" ?
Yes
No
Figure 1-11. Master Polling for an ACK Signal from a Slave Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com