Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC16 Datasheet(PDF) 19 Page - Ceramate Technical

Part # 24LLC16
Description  16K-Bit-Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC16 Datasheet(HTML) 19 Page - Ceramate Technical

Back Button 24LLC16 Datasheet HTML 14Page - Ceramate Technical 24LLC16 Datasheet HTML 15Page - Ceramate Technical 24LLC16 Datasheet HTML 16Page - Ceramate Technical 24LLC16 Datasheet HTML 17Page - Ceramate Technical 24LLC16 Datasheet HTML 18Page - Ceramate Technical 24LLC16 Datasheet HTML 19Page - Ceramate Technical 24LLC16 Datasheet HTML 20Page - Ceramate Technical 24LLC16 Datasheet HTML 21Page - Ceramate Technical 24LLC16 Datasheet HTML 22Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
24LLC16
16K-Bit-Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
19 of 22
Rev 1.0 Aug.5, 2002
IOL (mA)
VOL (V)
(TA = 25 C)
1
2
3
4
6
0
5
VDD = 2 V
VDD = 3 V
VDD = 4 V
VDD = 5 V
VDD = 6 V
0
10
20
30
40
70
50
60
Figure 5-20. Output Low Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com