Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LLC16T Datasheet(PDF) 9 Page - Ceramate Technical

Part # 24LLC16T
Description  16K-Bit-Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

24LLC16T Datasheet(HTML) 9 Page - Ceramate Technical

Back Button 24LLC16T Datasheet HTML 5Page - Ceramate Technical 24LLC16T Datasheet HTML 6Page - Ceramate Technical 24LLC16T Datasheet HTML 7Page - Ceramate Technical 24LLC16T Datasheet HTML 8Page - Ceramate Technical 24LLC16T Datasheet HTML 9Page - Ceramate Technical 24LLC16T Datasheet HTML 10Page - Ceramate Technical 24LLC16T Datasheet HTML 11Page - Ceramate Technical 24LLC16T Datasheet HTML 12Page - Ceramate Technical 24LLC16T Datasheet HTML 13Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
24LLC16
16K-Bit-Serial EEPROM
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
9 of 22
Rev 1.0 Aug.5, 2002
PAGE WRITE OPERATION
The 24LLC16 can also perform 16-byte page write operation. A page write operation is initiated in the same
way as a byte write operation. However, instead of finishing the write operation after the first data byte is
transferred, the master can transmit up to 15 additional bytes. The 24LLC166 responds with an ACK each time
it receives a complete byte of data (see Figure 5-10).
Slave Address
Start
A
C
K
Word Address n
A
C
K
Data (<= n + 15)
Stop
A
C
K
A
C
K
...
Data n
A
C
K
Figure 5-10. Page Write Operation
The 24LLC16 automatically increments the word address pointer each time it receives a complete data byte.
When one byte is received, the internal word address pointer increments to the next address so that the next data
byte can be received.
If the master transmits more than 16 bytes before it generates a stop condition to end the page write operation,
the 24LLC16 word address pointer value “rolls over” and the previously received data is overwritten. If the
master transmits less than 16 bytes and generates a stop condition, the 24LLC16 writes the received data to
the corresponding EEPROM address.
During a page write operation, all inputs are disabled and there would be no response to additional requests from
the master until the internal write cycle is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com