Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GIMTBC06 Datasheet(PDF) 1 Page - Belden Inc.

Part # GIMTBC06
Description  Indoor tight buffered distribution cable LSZH jacket 6f MM OM5. CPR B2ca.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GIMTBC06 Datasheet(HTML) 1 Page - Belden Inc.

  GIMTBC06 Datasheet HTML 1Page - Belden Inc. GIMTBC06 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GIMTBC06
Indoor tight buffered distribution cable LSZH jacket 6f MM OM5. CPR B2ca.
Product Description
Indoor tight buffered optical fiber distribution cable with Low Smoke Zero Halogen outer jacket. 6 fibers MM OM5. CPR Euroclass B2ca.
Technical Specifications
Product Overview
Construction Type:
Distribution
Environmental Space:
Indoor - Euroclass B2ca
Suitable Applications:
For indoor use in structured (premises) wiring systems: building backbone (riser) and/or horizontal cabling (Fibre To The Desk). Support all computer network
applications such as FDDI, Gigabit Ethernet and ATM. Easy to install in ducts and tunnels. Not suitable for blown installation.
Construction
Fiber Cable Construction
Fiber Type Fiber Count
OS2
6
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange, Green, Brown, Gray, White
Buffer Specification
Fiber Type Buffer Construction
Buffer Material
Buffer Diameter
OM5
Tight
LSZH - Low Smoke Zero Halogen (Flame Retardant) 0.9 mm
Cable Core Water Tight:
No
Bulk Cable Weight:
29 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
LSZH - Low Smoke Zero Halogen (Flame Retardant) 5.6 mm
No
Table Notes:
Standard color: Orange. Available colors: Orange, Yellow, Turquoise, Erika Violet, Red, Blue, Green, Brown, Violet, Pink, Grey, White, Black, Lime Green
Optical Characteristics
Max. Attenuation at 1300 nm:
0.9 dB/km
Max. Attenuation at 850 nm:
2.9 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification
Cable Min. Bend Radius Installation (Short Term)
IEC 60794-1-21-E6
112 mm
IEC 60794-2-20
Cable Min. Bend Radius Operation (Long Term)
IEC 60794-1-21-E11 56 mm
IEC 60794-2-20
Cable Max. Tensile Strength Installation (Short Term)
IEC 60794-1-21-E1
400 N (90 lbf)
IEC 60794-2-20


Similar Part No. - GIMTBC06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIMTBC02 BELDEN-GIMTBC02 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 2f MM OM5. CPR B2ca
2023 Belden, Inc
GIMTBC04 BELDEN-GIMTBC04 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 4f MM OM5. CPR B2ca.
2023 Belden, Inc
GIMTBC08 BELDEN-GIMTBC08 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 8f MM OM5. CPR B2ca.
2023 Belden, Inc
More results

Similar Description - GIMTBC06

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GIMTB206 BELDEN-GIMTB206 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 6f MM OM2. CPR B2ca
2023 Belden, Inc
GIMTBC02 BELDEN-GIMTBC02 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 2f MM OM5. CPR B2ca
2023 Belden, Inc
GIMTBC04 BELDEN-GIMTBC04 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 4f MM OM5. CPR B2ca.
2023 Belden, Inc
GIMTBC08 BELDEN-GIMTBC08 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 8f MM OM5. CPR B2ca.
2023 Belden, Inc
GIMTBC12 BELDEN-GIMTBC12 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 12f MM OM5. CPR B2ca
2023 Belden, Inc
GIMTBC16 BELDEN-GIMTBC16 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 16f MM OM5. CPR B2ca
2023 Belden, Inc
GIMTBC24 BELDEN-GIMTBC24 Datasheet
134Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 24f MM OM5. CPR B2ca.
2023 Belden, Inc
GIMTBD06 BELDEN-GIMTBD06 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 6f MM OM3. CPR B2ca.
2023 Belden, Inc
GIMTBE06 BELDEN-GIMTBE06 Datasheet
133Kb / 2P
Indoor tight buffered distribution cable LSZH jacket 6f MM OM4. CPR B2ca.
2023 Belden, Inc
GUMTC06 BELDEN-GUMTC06 Datasheet
134Kb / 2P
Universal tight buffered distribution cable LSZH jacket 6f MM OM5. CPR Dca.
2023 Belden, Inc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com