Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPP6027 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPP6027
Description  SURFACE MOUNT PROGRAMMABLE UNIJUNCTION SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPP6027 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPP6027 Datasheet HTML 1Page - Central Semiconductor Corp CMPP6027 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Gate-Cathode Forward Voltage
VGKF
40
V
Gate-Cathode Reverse Voltage
VGKR
5.0
V
Gate-Anode Reverse Voltage
VGAR
40
V
Anode-Cathode Voltage
VAK
40
V
Peak Non-Repetitive Forward Current (t=10µs)
ITSM
5.0
A
Peak Repetitive Forward Current (t=20µs, D.C.=1.0%)
ITRM
2.0
A
Peak Repetitive Forward Current (t=100µs, D.C.=1.0%)
ITRM
1.0
A
DC Forward Anode Current
IT
150
mA
DC Gate Current
IG
50
mA
Power Dissipation
PD
350
mW
Storage Temperature
Tstg
-55 to +150
°C
Operating Junction Temperature
TJ
-50 to +100
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
CMPP6027
CMPP6028
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
UNITS
IGAO
VS=40V
10
10
nA
IGKS
VS=40V
50
50
nA
IP
VS=10V, RG=1.0MΩ
2.0
0.15
µA
IP
VS=10V, RG=10kΩ
5.0
1.0
µA
IV
VS=10V, RG=1.0MΩ
50
25
µA
IV
VS=10V, RG=10kΩ
70
25
µA
IV
VS=10V, RG=200Ω
1.5
1.0
mA
VT
VS=10V, RG=1.0MΩ
0.2
1.6
0.2
0.6
V
VT
VS=10V, RG=10kΩ
0.2
0.6
0.2
0.6
V
VF
IF=50mA
1.5
1.5
V
VO
VB=20V, CC=0.2µF
6.0
6.0
V
tr
VB=20V, CC=0.2µF
80
80
ns
CMPP6027
CMPP6028
SURFACE MOUNT
PROGRAMMABLE UNIJUNCTION
SILICON TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R1 (29-April 2005)
DESCRIPTION:
The Central Semiconductor CMPP6027, CMPP6028
types are Silicon Programmable Unijunction
Transistors, manufactured in a surface mount SOT-
23 package, designed for adjustable (programmable)
characteristics such as, Valley Current (IV), Peak
Current (IP), and Intrinsic Standoff Ratio (η).
MARKING CODE: CMPP6027 - P27
CMPP6028 - P28
NOTE: Reverse Lead Codes Available, Add “R” to
the end of the Part #.


Similar Part No. - CMPP6027

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPP6027 CENTRAL-CMPP6027 Datasheet
334Kb / 2P
SURFACE MOUNT SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
CMPP6027 CENTRAL-CMPP6027 Datasheet
290Kb / 3P
TRANSISTORS
CMPP6027R CENTRAL-CMPP6027R Datasheet
290Kb / 3P
TRANSISTORS
CMPP6027R CENTRAL-CMPP6027R_15 Datasheet
290Kb / 3P
TRANSISTORS
CMPP6027 CENTRAL-CMPP6027_10 Datasheet
334Kb / 2P
SURFACE MOUNT SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
More results

Similar Description - CMPP6027

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BRY39 PHILIPS-BRY39 Datasheet
102Kb / 16P
Programmable unijunction transistor/ Silicon controlled switch
1997 Jul 24
BRY61 PHILIPS-BRY61 Datasheet
56Kb / 8P
Programmable unijunction transistor
1999 Apr 27
logo
Siemens Semiconductor G...
BRY56 SIEMENS-BRY56 Datasheet
110Kb / 5P
PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
List of Unclassifed Man...
MMBT6027 ETC-MMBT6027 Datasheet
15Kb / 1P
Silicon programmable unijunction transistor (PUTs)
logo
Central Semiconductor C...
CP622 CENTRAL-CP622 Datasheet
221Kb / 2P
Programmable Unijunction Transistor
CMPP6027 CENTRAL-CMPP6027_10 Datasheet
334Kb / 2P
SURFACE MOUNT SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6116 NJSEMI-2N6116 Datasheet
164Kb / 2P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6118 NJSEMI-2N6118 Datasheet
169Kb / 2P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
2N6138-1 NJSEMI-2N6138-1 Datasheet
114Kb / 1P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
PN6116 NJSEMI-PN6116 Datasheet
89Kb / 1P
SILICON PROGRAMMABLE UNIJUNCTION TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com