Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT404A Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT404A
Description  SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT404A Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT404A Datasheet HTML 1Page - Central Semiconductor Corp CMPT404A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT404A
type is an PNP silicon transistor manufactured
by the epitaxial planar process, epoxy molded in
a surface mount package, designed for chopper
applications.
MARKING CODE: C2N
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
35
V
Emitter-Base Voltage
VEBO
25
V
Collector Current
IC
150
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=10V
100
nA
IEBO
VEB=10V
100
nA
BVCBO
IC=10µA40
V
BVCEO
IC=10mA
35
V
BVEBO
IE=10µA25
V
VCE(SAT)
IC=12mA, IB=400µA
0.15
V
VCE(SAT)
IC=24mA, IB=1.0mA
0.20
V
VBE(SAT)
IC=12mA, IB=400µA
0.85
V
VBE(SAT)
IC=24mA, IB=1.0mA
1.00
V
hFE
VCE=0.15V, IC=12mA
100
400
Cob
VCB=6.0V, IE=0, f=1.0MHz
40
pF
td
VCC=10V, IC=10mA, IB1=1.0mA
150
ns
tr
VCC=10V, IC=10mA, IB1=1.0mA
400
ns
ts
VCC=10V, IC=10mA, IB1=IB2=1.0mA
3.0
µs
tf
VCC=10V, IC=10mA, IB1=IB2=1.0mA
750
ns
CMPT404A
SURFACE MOUNT
PNP SILICON
CHOPPER TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R2 (13-November 2002)


Similar Part No. - CMPT404A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT404A CENTRAL-CMPT404A_10 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
CMPT404A CENTRAL-CMPT404A_15 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
More results

Similar Description - CMPT404A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBT404ALT1 LRC-MMBT404ALT1 Datasheet
43Kb / 2P
Chopper Transistor(PNP Silicon)
logo
Central Semiconductor C...
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT404A CENTRAL-CMPT404A_10 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT404A CENTRAL-CMPT404A_15 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON CHOPPER TRANSISTOR
MPS404A CENTRAL-MPS404A Datasheet
80Kb / 2P
PNP SILICON CHOPPER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com