Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM2916 Datasheet(PDF) 21 Page - Ceramate Technical

Part # CM2916
Description  LCD Driver with Key Scan(4x8)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CM2916 Datasheet(HTML) 21 Page - Ceramate Technical

Back Button CM2916 Datasheet HTML 14Page - Ceramate Technical CM2916 Datasheet HTML 15Page - Ceramate Technical CM2916 Datasheet HTML 16Page - Ceramate Technical CM2916 Datasheet HTML 17Page - Ceramate Technical CM2916 Datasheet HTML 18Page - Ceramate Technical CM2916 Datasheet HTML 19Page - Ceramate Technical CM2916 Datasheet HTML 20Page - Ceramate Technical CM2916 Datasheet HTML 21Page - Ceramate Technical CM2916 Datasheet HTML 22Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
CM2916
LCD Driver with Key Scan(4*8)
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 21 of 22
Rev 1.0 Oct. 5, 2004
. CM2916 interface(Software) 注意事項:
1. Power on:
1. Power on 後 SEG2、SEG3、SEG4、SEG5 為 default,但可由 EEPROM 之設定更改為 O1、
O2、O3、O4 pin。
2. Power on 後 SEG6/ECL、SEG7/EDA 為 EEPROM INTERFACE,若沒接 EEPROM,則最後
會 keep high 直到 MCU programming(EEN) 此 2 pin 為 segment pin。
3. Power on 後 SEG40~51 為 default ,但可由 EEPROM(C14&C58&R14)分別設定更改為
R1~R4、C1~C8。
4. Power on 後 SEG53/GOUT、SEG52/IRI default 為 GOUT、IRI pin,只能由 MCU programming
為 segment pin
2. Initial:power on 之後 LCD 為 off(LCD1&LCD2 皆為 high)
1. 要 initial 相關 register & LCD register
2. 再設定 LCDD1、LCDD2 register 以決定 LCD duty,並讓 LCD on。
3. GOUT PIN 之使用:
1. GOUT pin 在 power on 後 default 為 high (但可用 EEPROM 之 download 方式改變其初值 )。
2. GOUT pin 為 Hi,使 MCU off(power saving),wake up 則由 green key 決定 wake up。 (green
key、ID code 均可由 EEPROM download)
4. Sleep Mode:MCU 在工作時,scan key input。MCU 必須不斷 read KEYF flag,待 read KEYF
為 high 時,MCU 必須 Read key buffer (KEY1、KEY2 register)之 code,MCU 在比對後,若判斷
為 green key,則 write to CM2916(address 69H)之 GOUT flag,使 GOUT 為 high(application 則使
power down)。
5. MCU interface:address 由 high bit serial 寫入 CM2916,但 data 則由 low bit serial 進 CM2916。
(詳見規格書)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com