Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPT7410 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPT7410
Description  SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPT7410 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPT7410 Datasheet HTML 1Page - Central Semiconductor Corp CMPT7410 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPT7410 type is
a PNP Low VCE (SAT) silicon transistor manufactured
by the epitaxial planar process and epoxy molded in an
SOT-23 surface mount package. This device is
designed for battery driven, handheld devices
requireing high current and Low VCE(SAT) voltages.
MARKING CODE: C741
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
1.0
A
Collector Current (Peak)
ICM
1.5
A
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=40V
100
nA
IEBO
VEB=6.0V
100
nA
BVCBO
IC=100µA
40
V
BVCEO
IC=10mA
25
V
BVEBO
IE=100µA
6.0
V
VCE(SAT)
IC=50mA, IB=5.0mA
25
50
mV
VCE(SAT)
IC=100mA, IB=10mA
40
75
mV
VCE(SAT)
IC=200mA, IB=20mA
80
150
mV
VCE(SAT)
IC=500mA, IB=50mA
150
250
mV
VCE(SAT)
IC=800mA, IB=80mA
220
400
mV
VCE(SAT)
IC=1.0A, IB=100mA
275
450
mV
VBE(SAT)
IC=800mA, IB=80mA
1.1
V
VBE(ON)
VCE=1.0V, IC=10mA
0.9
V
hFE
VCE=1.0V, IC=10mA
100
hFE
VCE=1.0V, IC=100mA
100
300
hFE
VCE=1.0V, IC=500mA
100
hFE
VCE=1.0V, IC=1.0A
50
fT
VCE=10V, IC=50mA, f=100MHz
100
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
15
pF
CMPT7410
SURFACE MOUNT
PNP SILICON
LOW VCE (SAT) TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R0 (12-November 2004)


Similar Part No. - CMPT7410

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
SURFACE MOUNT PNP SILICON TRANSISTOR
More results

Similar Description - CMPT7410

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31280 Rev. 2 - 2
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31325 Rev. 3 - 2
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31327 Rev. 3 - 2
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31591 Rev. 2 - 2
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DS31660 Rev. 2 - 2
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 2
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 4
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Rev 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com