Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMPTA77 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMPTA77
Description  SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMPTA77 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMPTA77 Datasheet HTML 1Page - Central Semiconductor Corp CMPTA77 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMPTA77
SURFACE MOUNT
PNP SILICON
DARLINGTON TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMPTA77 type is
a PNP Silicon Darlington Transistor manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for applications requiring
extremely high gain.
MARKING CODE: C77
SOT-23 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Emitter Voltage
VCES
60
V
Emitter-Base Voltage
VEBO
10
V
Continuous Collector Current
IC
500
mA
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=50V
500
nA
ICBO
VCB=50V
100
nA
IEBO
VEB=10V
100
nA
BVCES
IC=100µA
60
V
BVCBO
IC=100µA
60
V
VCE(SAT)
IC=100mA, IB=0.1mA
1.5
V
VBE(ON)
VCE=5.0V, IC=100mA
2.0
V
hFE
VCE=5.0V, IC=10mA
10,000
hFE
VCE=5.0V, IC=100mA
10,000
fT
VCE=5.0V, IC=10mA, f=100MHz
125
MHz
R1 (3-February 2010)
www.centra lsemi.com


Similar Part No. - CMPTA77

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPTA77 CENTRAL-CMPTA77 Datasheet
321Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CMPTA77 CENTRAL-CMPTA77_10 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
More results

Similar Description - CMPTA77

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PZTA64T1 MOTOROLA-PZTA64T1 Datasheet
170Kb / 6P
PNP SILICON DARLINGTON TRANSISTOR SURFACE MOUNT
logo
Central Semiconductor C...
CXTA62 CENTRAL-CXTA62 Datasheet
69Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77 Datasheet
73Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
logo
Diodes Incorporated
MMSTA63 DIODES-MMSTA63_1 Datasheet
80Kb / 4P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30159 Rev. 8 - 2
logo
Guangdong Kexin Industr...
KZT127 KEXIN-KZT127 Datasheet
38Kb / 1P
Surface Mount PNP Silicon Power Darlington Transistor
logo
Central Semiconductor C...
CMPTA77 CENTRAL-CMPTA77_10 Datasheet
327Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77_10 Datasheet
532Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CMPTA77 CENTRAL-CMPTA77 Datasheet
321Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CXTA62 CENTRAL-CXTA62 Datasheet
283Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77 Datasheet
526Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com