Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64202Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP64202Q
Description  AUTOMOTIVE-COMPLIANT, 40V, 2A SYNCHRONOUS BUCK WITH INTERNAL COMPENSATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64202Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP64202Q Datasheet HTML 1Page - Diodes Incorporated AP64202Q Datasheet HTML 2Page - Diodes Incorporated AP64202Q Datasheet HTML 3Page - Diodes Incorporated AP64202Q Datasheet HTML 4Page - Diodes Incorporated AP64202Q Datasheet HTML 5Page - Diodes Incorporated AP64202Q Datasheet HTML 6Page - Diodes Incorporated AP64202Q Datasheet HTML 7Page - Diodes Incorporated AP64202Q Datasheet HTML 8Page - Diodes Incorporated AP64202Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AP64202Q
Document number: DS43578 Rev. 1 - 2
2 of 21
www.diodes.com
July 2021
© Diodes Incorporated
AP64202Q
Typical Application Circuit
AP64202Q
VIN
EN
SW
BST
FB
GND
INPUT
R1
52.3kΩ
R2
10kΩ
L
10μH
C3
100nF
C2
2 x 22µF
C1
2 x 10µF
OUTPUT
VOUT
5V
RT/CLK
RT
200kΩ
SS
Css
10nF
Figure 1. Typical Application Circuit
Figure 2. Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.010
0.100
1.000
10.000
IOUT (A)
VIN = 12V, VOUT = 5V, L = 10
μH
VIN = 12V, VOUT = 3.3V, L = 6.8
μH
VIN = 24V, VOUT = 5V, L = 10
μH
VIN = 24V, VOUT = 3.3V, L = 6.8
μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com