Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP64351 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP64351
Description  3.8V TO 40V INPUT, 3.5A LOW IQ SYNCHRONOUS BUCK WITH PROGRAMMABLE SOFT-START TIME
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP64351 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP64351 Datasheet HTML 17Page - Diodes Incorporated AP64351 Datasheet HTML 18Page - Diodes Incorporated AP64351 Datasheet HTML 19Page - Diodes Incorporated AP64351 Datasheet HTML 20Page - Diodes Incorporated AP64351 Datasheet HTML 21Page - Diodes Incorporated AP64351 Datasheet HTML 22Page - Diodes Incorporated AP64351 Datasheet HTML 23Page - Diodes Incorporated AP64351 Datasheet HTML 24Page - Diodes Incorporated AP64351 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AP64351
Document number: DS41977 Rev. 4 - 2
21 of 26
www.diodes.com
August 2019
© Diodes Incorporated
AP64351
Application Information (cont.)
16
External Loop Compensation Design (cont.)
From Eq. 17, the value of R5 is calculated as:
Choose a standard resistor value for R5 close to its calculated value. For example, choose R5 to be 14kΩ.
From Eq. 18, C5 is calculated as:
Choose a standard capacitor value for C5 close to its calculated value. For example, choose C5 to be 3.3nF.
From Eq. 19, C6 is calculated as:
(
)
(
)
C6 is optional. If used, choose a standard capacitor value for C6 close to its calculated value. For example, choose C6 to be 39pF.
From Eq. 20, the approximate range of C4 is calculated as:
[
]
[
]
C4 is optional. If used, choose a standard capacitor value for C4 that is close to its calculated range. For example, choose C4 to be 33pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com