Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C1256162VBLS7IPC Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # V53C1256162VBLS7IPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256162VBLS7IPC Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button V53C1256162VBLS7IPC Datasheet HTML 4Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 5Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 6Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 7Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 8Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 9Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 10Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 11Page - List of Unclassifed Manufacturers V53C1256162VBLS7IPC Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
ProMOS TECHNOLOGIES
V55C2256164VB
8
V55C2256164VB Rev. 1.0 April 2005
Address Input for Mode Set (Mode Register Operation)
Similar to the page mode of conventional
DRAM’s, burst read or write accesses on any col-
umn address are possible once the RAS cycle
latches the sense amplifiers. The maximum tRAS or
the refresh interval time limits the number of random
column accesses. A new burst access can be done
even before the previous burst ends. The interrupt
operation at every clock cycles is supported. When
the previous burst is interrupted, the remaining ad-
dresses are overridden by the new address with the
full burst length. An interrupt which accompanies
with an operation change from a read to a write is
possible by exploiting DQM to avoid bus contention.
When
two
or
more
banks
are
activated
sequentially,
interleaved
bank
read
or
write
operations are possible. With the programmed
burst length, alternate access and precharge
operations on two or more banks can realize fast
serial data access modes among many different
pages. Once two or more banks are activated,
column to column interleave operation can be done
between different pages.
A12 ...
A3
A4
A2
A1
A0
A7
A6
A5
Address Bus (Ax)
BT
Burst Length
CAS Latency
Mode Register
CAS Latency
A6
A5
A4
Latency
0
0
0
Reserve
00
1
1
01
0
2
01
1
3
1
0
0
Reserve
1
0
1
Reserve
1
1
0
Reserve
1
1
1
Reserve
Burst Length
A2
A1
A0
Length
Sequential
Interleave
000
1
1
001
2
2
010
4
4
011
8
8
1
0
0
Reserve
Reserve
1
0
1
Reserve
Reserve
1
1
0
Reserve
Reserve
1
1
1
Full page
Reserve
Burst Type
A3
Type
0
Sequential
1
Interleave
Operation Mode
BA1 BA0 A12 A11 A10 A9 A8 A7
Mode
00000
0
0
0
Burst Read/Burst
Write
00000
1
0
0
Burst Read/Single
Write
Operation Mode
BA0
BA1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com