Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

164C19829X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 164C19829X
Description  D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Female thread lock,metal bracket,fixing plate,snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

164C19829X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  164C19829X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 164C19829X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
164o19829X CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
16K1A3173
A3
1/2
D-SUB DUAL PORT 15.88mm
see notes
Henneboel
16.01.13
17.01.13
Fischer
37pos. Female / 37pos. Female
thread lock,metal bracket,fixing plate,snap
16K1A1762
2:1
164
19829X
a
Original
4 x b
Ä4610
16.01.2013 K.H.
SEE NOTE 10
2,84
METAL BRACKET
54,94 - 0,23
0,02
+
69,39 - 0,45
0,31
+
0,8
FIXING PLATE
7,19 `0,3
2,84
13,84 `0,3
Directive 2002/95/EC RoHS compliant
PCB SNAP
6,1 - 0,05
0,2
+
0,9
6 - 0,31
0
+
4
Ø
4-40 UNC
NOTES:
1. METALSHELLS: STEEL; min. 315µin TIN over 40-80µin NICKEL
2. INSULATORS: PBT GF UL 94 V-0, BLACK
3. CONTACTS: COPPER ALLOY; PLATING (SEE PART NO):
o PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
o PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
4. METAL BRACKETS:
ZINC DIE CAST; 300µin COPPER/40-120µin NICKEL/120-200µin TIN
5. THREADED LOCKS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
6. FIXING PLATE: PBT GF UL 94 V-0, BLACK
7. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: Ø3,1±0,1mm; PCB- THICKNESS 1,6mm
8. P.C.B. HOLE DRILLINGS ON SHEET 2
9. MAXIMUM TORQUE VALUE FOR THREAD: 6 in.LB
10. CONNECTOR IS PART MARKET: 164o19829X CONEC ABC (see note 3)
o
(see note 3)
0,64 `0,05
Ø
(37x)
0,57 `0,05
Ø
(37x)
63,5 `0,13
10°
55,3 - 0
0,25
+
b
b
b
b
PRESS FOR FIXING ON PCB
3,81
(
)


Similar Part No. - 164C19829X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
164C19829X CONEC-164C19829X Datasheet
642Kb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Female thread lock,metal bracket,fixing plate,snap
17.01.13
164C19829X CONEC-164C19829X Datasheet
642Kb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Female thread lock,metal bracket,fixing plate,snap
17.01.13
More results

Similar Description - 164C19829X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A15309X CONEC-163A15309X Datasheet
1Mb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Male / 37pos. Male with threaded insert, metal bracket and fixing plate
16.01.17
163A15469X CONEC-163A15469X Datasheet
1Mb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Male / 37pos. Male with threaded lock, metal bracket and fixing plate
16.01.17
163A19439X CONEC-163A19439X Datasheet
3Mb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Male / 37pos. Male with threaded lock,metal bracket,fixing plate,PCB snap
16.01.17
163A20079X CONEC-163A20079X Datasheet
3Mb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Male / 37pos. Male with threaded insert,metal bracket,fixing plate,PCB snap
16.01.17
164A15679X CONEC-164A15679X Datasheet
612Kb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Male thread insert,metal bracket,fixing plate
11.03.16
164A15799X CONEC-164A15799X Datasheet
889Kb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Female with threaded lock, metal bracket and fixing plate
25.07.17
164A19789X CONEC-164A19789X Datasheet
901Kb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Female with threaded lock,metal bracket,fixing plate,PCB snap
16.01.17
164A19829X CONEC-164A19829X Datasheet
642Kb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Female thread lock,metal bracket,fixing plate,snap
17.01.13
164A19839X CONEC-164A19839X Datasheet
362Kb / 1P
D-SUB DUAL PORT 15.88mm FEMALE / FEMALE 2x9pos. with threaded lock, metal bracket, fixing plate and snap
03.05.16
164B19829X CONEC-164B19829X Datasheet
642Kb / 2P
D-SUB DUAL PORT 15.88mm 37pos. Female / 37pos. Female thread lock,metal bracket,fixing plate,snap
17.01.13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com