Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C1256164VBLS8IPC Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # V53C1256164VBLS8IPC
Description  256Mbit MOBILE SDRAM 2.5 VOLT FBGA PACKAGE 16M X 16
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

V53C1256164VBLS8IPC Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button V53C1256164VBLS8IPC Datasheet HTML 11Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 12Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 13Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 14Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 15Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 16Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 17Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 18Page - List of Unclassifed Manufacturers V53C1256164VBLS8IPC Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
15
V55C2256164VB Rev. 1.0 April 2005
ProMOS TECHNOLOGIES
V55C2256164VB
Notes for AC Parameters:
1.
For proper power-up see the operation section of this data sheet.
2.
AC timing tests are referenced to the 0.9V crossover point for VCCQ=1.8V components. The transition time is mea-
sured between VIH and VIL. All AC measurements assume tT = 1ns with the AC output load circuit shown in
Figure 1.
4.
If clock rising time is longer than 1 ns, a time (tT/2 – 0.5) ns has to be added to this parameter.
5.
If tT is longer than 1 ns, a time (tT – 1) ns has to be added to this parameter.
6.
These parameter account for the number of clock cycle and depend on the operating frequency of the clock, as
follows:
the number of clock cycle = specified value of timing period (counted in fractions as a whole number)
Self Refresh Exit is a synchronous operation and begins on the 2nd positive clock edge after CKE returns high.
Self Refresh Exit is not complete until a time period equal to tRC is satisfied once the Self Refresh Exit command
is registered.
Refresh Cycle
19
tREF
Refresh Period (8192 cycles)
—
64
—
64
—
64
ms
20
tSREX
Self Refresh Exit Time
1
—
1
—
1
—
CLK
Read Cycle
21
tOH
Data Out Hold Time
3
–
3
–
3
–
ns
2
22
tLZ
Data Out to Low Impedance Time
1
–
1
–
1
–
ns
23
tHZ
Data Out to High Impedance Time
3
7
3
7
3
7
ns
7
24
tDQZ
DQM Data Out Disable Latency
–
2
–
2
–
2
CLK
Write Cycle
25
tWR
Write Recovery Time
1
–
1
–
1
–
CLK
26
tDQW
DQM Write Mask Latency
0
–
0
–
0
–
CLK
#
Symbol Parameter
Limit Values
Unit
Note
-7
-8PC
-10
Min.
Max.
Min.
Max.
Min.
Max.
1.4V
1.4V
tCS
tCH
tAC
tAC
tLZ
tOH
tHZ
CLK
COMMAND
OUTPUT
50 pF
I/O
Z=50 Ohm
+ 1.4 V
50 Ohm
VIH
VIL
tT
Figure 1.
tCK
AC Characteristics (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com