Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLL Datasheet(PDF) 2 Page - Amphenol Wilcoxon Sensing Technologies.

Part # VLL
Description  Switchable junction boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

VLL Datasheet(HTML) 2 Page - Amphenol Wilcoxon Sensing Technologies.

  VLL Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. VLL Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
2
99300 Rev.A.2 10/18
VLL series
Switchable junction boxes
SPECIFICATIONS
Accessories supplied: Transducer location log; mounting feet; grounding lug; cable grip plugs (if applicable)
Channels, user-selected
6, 12, 24, 36, 48
Output connector
BNC
Material, user-selected
fiberglass or stainless steel
Dimensions
10 x 8 x 4 in. (6-12 channels, non-expandable)
20 x 16 x 8 in. (12-48 channels, expandable)
Hinge
stainless steel continuous weld
Latch
stainless steel butterfly knob
Cable interface, user-selected
cable grips or conduit
Terminal block connectors
3 positions per channel
Rating:
fiberglass
stainless steel
NEMA 4X/IP66
NEMA 4/IP66
Mounting
Pole or wall mountable using four-corner stainless steel feet
(fiberglass models include configurable feet)
Sensor support
IEPE
Channel selector
12 position dial switch, differential switching
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
buy.wilcoxon.com
www.wilcoxon.com
Standard size, 6-12 channels
Expandable size, 12-48 channels
11.77
[299.0]
9.21
[234.0]
11.09
[281.7]
19.11
[485.4]
21.69
[551.0]
16.96
[430.8]
20.97
[532.6]
34.65
[880.2]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com