Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLS Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # VLS
Description  Switchable junction boxes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

VLS Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  VLS Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. VLS Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
1
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
buy.wilcoxon.com
www.wilcoxon.com
98681 Rev.B.1 10/18
VLS series
Switchable junction boxes
Key features
• Data ready light for efficient
data collection
• Customizable - tailored to
your application
• Up to 48 channels and up
to 4 boards
• Base or expandable size
• NEMA 4/4X ratings
• Manufactured in an
approved ISO 9001 facility
Certifications
VLS enclosures handle up to 48 inputs of standard IEPE sensors. The variety
of configuration options allows users to choose exactly what’s needed for any
application. VLS models feature a data ready LED indicating that sensor BOV
levels have stabilized, minimizing data collection time and helping ensure
reliability. For online monitoring, optional terminal strip connectors are available.
VLS
-
-
-
Standard output
C - conduit
G - cable grip
Terminal type
S* - screw
Q - Quickconnect
Channels
06, 08, 12,
24, 36, 48
Size
B - 10x8x4
E - 20x16x8
Material
F - fiberglass
S - stainless steel
Online connectivity
N - none
OC - conduit
OG - cable grip
OP - plug
* Recommended
Examples:
VLS06BF-C-OG-S: 6 channel switchbox, fiberglass 10x8x4 enclosure with screw terminals
and conduit outputs, online connectivity with cable grip output
VLS24ES-G-OP-Q: 24 channel switchbox, stainless steel 20x16x8 enclosure with Quickconnect
terminals and cable grip outputs, online connectivity with plugged hole output
Ordering guide
Standard size: 1-12 channels
Expandable size: 12-48 channels


Similar Part No. - VLS

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
VLS-02V JST-VLS-02V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
VLS-03V JST-VLS-03V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
VLS-08V JST-VLS-08V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
VLS-12V JST-VLS-12V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
logo
TDK Electronics
VLS-EX-D TDK-VLS-EX-D Datasheet
181Kb / 4P
Inductors for power circuits Wound ferrite
20220712
More results

Similar Description - VLS

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
84613-0004 MOLEX-84613-0004 Datasheet
166Kb / 2P
Mini-C PolyPort??Junction Boxes
84584 MOLEX-84584 Datasheet
55Kb / 2P
Micro-C PolyPort??Junction Boxes 4, 6 and 8 Port Junction Boxes in a 3 Circuit Configuration
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
A-L3A ETC2-A-L3A Datasheet
722Kb / 6P
Lock Kit for Cla mp Cover Junction Boxes
logo
Pentair plc. All rights...
A606CHNFSS PENTAIR-A606CHNFSS Datasheet
340Kb / 2P
Junction Boxes
logo
Amphenol Wilcoxon Sensi...
VLD WILCOXON-VLD Datasheet
287Kb / 2P
Dual output switchable junction boxes
Rev.B.1 10/18
VLL WILCOXON-VLL Datasheet
376Kb / 2P
Switchable junction boxes
Rev.A.2 10/18
logo
STI Vibration Monitorin...
CMCP310 STI-CMCP310 Datasheet
829Kb / 2P
Switchable Output BNC Junction Boxes
V3.2 09/13/2019
CMCP300 STI-CMCP300 Datasheet
819Kb / 2P
CMCP300 Series Individual BNC Output Junction Boxes
2/2/2022
CMCP305 STI-CMCP305 Datasheet
299Kb / 1P
CMCP305 Quick Access BNC Junction Boxes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com