Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANYPLACEUSB-H6 Datasheet(PDF) 2 Page - Coolgear Inc.

Part # ANYPLACEUSB-H6
Description  Basic Measurements Mounting Holes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

ANYPLACEUSB-H6 Datasheet(HTML) 2 Page - Coolgear Inc.

  ANYPLACEUSB-H6 Datasheet HTML 1Page - Coolgear Inc. ANYPLACEUSB-H6 Datasheet HTML 2Page - Coolgear Inc. ANYPLACEUSB-H6 Datasheet HTML 3Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Drawn by:
Drawn Date:
Tolerance:
Scale:
Units:
Contact:
support@coolgear.com
Notes:
Web:
coolgear.com
Model #:
+/-
0.15mm
leo.pinto
2/3
A4
5/10/2021
ANYPLACEUSB-H6
1:2
mm
Detailed Port Measurements
12.21
13
10.21
15.3
11.35
11.36
15.3
18.34
26.91
20.7
19.95



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com