Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANYPLACEUSB-S2 Datasheet(PDF) 1 Page - Coolgear Inc.

Part # ANYPLACEUSB-S2
Description  Basic Measurements Port Detailed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLGEAR [Coolgear Inc.]
Direct Link  https://www.coolgear.com/
Logo COOLGEAR - Coolgear Inc.

ANYPLACEUSB-S2 Datasheet(HTML) 1 Page - Coolgear Inc.

  ANYPLACEUSB-S2 Datasheet HTML 1Page - Coolgear Inc. ANYPLACEUSB-S2 Datasheet HTML 2Page - Coolgear Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Drawn by:
Drawn Date:
Tolerance:
Scale:
Units:
Contact:
support@coolgear.com
Notes:
Web:
coolgear.com
Model #:
+/-
0.15mm
Leo Pinto
1/2
A4
5/7/2021
AnyplaceUSB-S2
1:2
mm
Basic Measurements
Port Detailed
30.79
14.8
5
14.8
5.46
25.55
26.18
6.7
2.17
16.5
44.85
95.9


Similar Part No. - ANYPLACEUSB-S2

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
ANYPLACEUSB-S4 COOLGEAR-ANYPLACEUSB-S4 Datasheet
460Kb / 2P
Basic Measurements Port Detailed
2021/7/5
More results

Similar Description - ANYPLACEUSB-S2

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
ABMSL-USB3-5FT COOLGEAR-ABMSL-USB3-5FT Datasheet
280Kb / 2P
Basic Measurements Port Detailed
2021/8/10
ANYPLACEUSB-S4 COOLGEAR-ANYPLACEUSB-S4 Datasheet
460Kb / 2P
Basic Measurements Port Detailed
2021/7/5
CG-4P31G1EA COOLGEAR-CG-4P31G1EA Datasheet
298Kb / 3P
Basic Measurements Port Detailed
2021/9/30
CG-PD60PPS COOLGEAR-CG-PD60PPS Datasheet
314Kb / 2P
Basic Measurements Mounting Holes Detailed Port Measurements
3/25/2021
MSD-SRP2XM COOLGEAR-MSD-SRP2XM Datasheet
197Kb / 2P
Basic Measurements Port Detailed
10/13/2021
SA-8PXTB COOLGEAR-SA-8PXTB Datasheet
376Kb / 4P
Basic Measurements Port detailed
7/16/2021
SG-PCIE8SRS422485MODIS COOLGEAR-SG-PCIE8SRS422485MODIS Datasheet
298Kb / 4P
Basic Measurements Port detailed
7/16/2021
TB-DB9TO9 COOLGEAR-TB-DB9TO9 Datasheet
201Kb / 1P
Basic Measurements Port Detailed
6/29/21
TB-DB9TO9CAN COOLGEAR-TB-DB9TO9CAN Datasheet
535Kb / 1P
Basic Measurements Port Detailed
6/21/22
TB-DB9TO9ESD COOLGEAR-TB-DB9TO9ESD Datasheet
422Kb / 1P
Basic Measurements Port Detailed
6/21/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com