Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-320-RFX Datasheet(PDF) 1 Page - Amphenol RF.

Part # 31-320-RFX
Description  bnC CRIMP PLUG FOR RG-142A/U, 400/U CABLE, 50OHM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

31-320-RFX Datasheet(HTML) 1 Page - Amphenol RF.

  31-320-RFX Datasheet HTML 1Page - Amphenol RF.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 31-320-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
31-320-RFX AMPHENOL-31-320-RFX Datasheet
11Mb / 30P
Bayonet coupling mechanism provides quick
More results

Similar Description - 31-320-RFX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
282103 AMPHENOL-282103 Datasheet
73Kb / 1P
1.0/2.3 CRIMP PLUG (FOR RG-174/U, 188/U, 316/U CABLE)
031-2367-RFX AMPHENOL-031-2367-RFX Datasheet
79Kb / 1P
TNC CRIMP PLUG FOR RG-55/U, 142A/U, 400/U, 223/U
C031-70331 AMPHENOL-C031-70331 Datasheet
43Kb / 1P
MINI BNC CRIMP JACK (FOR RG-316/U, 174/U, 188A/U CABLE)
C031-70332 AMPHENOL-C031-70332 Datasheet
48Kb / 1P
MINI BNC BULKHEAD CRIMP JACK (FOR RG-179/U, 187A/U CABLE)
C031-70335 AMPHENOL-C031-70335 Datasheet
44Kb / 1P
MINI BNC CRIMP PLUG (FOR RG-316/U, 174/U, 188A/U CABLE)
logo
Amphenol RF.
112132-12 RF-112132-12 Datasheet
111Kb / 1P
BNC CRIMP PLUG FOR (RG-174/U, 188/U,316/U CABLE)
16-May-11
112234-13 RF-112234-13 Datasheet
73Kb / 1P
BNC BULKHEAD CRIMP JACK (FOR RG-174/U,188A/U,316/U)
07/14/10
112526T RF-112526T Datasheet
36Kb / 1P
BNC R/A CRIMP PLUG (FOR RG-223/U, 55/U, 142A/U, 400/U)
12/11/07
15875 RF-15875 Datasheet
149Kb / 1P
BNC CRIMP PLUG FOR .070"-.092" RG-161/U, 178/U CABLE
07-May-21
36775 RF-36775 Datasheet
92Kb / 1P
BNC PLUG QUICK CRIMP (FOR RG-58/U, 141/U CABLE)
27-Dec-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com