Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC Datasheet(PDF) 2 Page - Amphenol RF.

Part # AMC
Description  Ultraminiature Product Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RF [Amphenol RF.]
Direct Link  https://www.amphenolrf.com/
Logo RF - Amphenol RF.

AMC Datasheet(HTML) 2 Page - Amphenol RF.

  AMC Datasheet HTML 1Page - Amphenol RF. AMC Datasheet HTML 2Page - Amphenol RF.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Specifications
Compatbility and Cable Options
Amphenol RF
Four Old Newtown Road
Danbury, CT 06810
For more information visit www.amphenolrf.com
or call 800.627.7100
Electrical
Impedance
Frequency Range
Voltage Rating
Dielectric Withstanding Voltage
VSWR (Return Loss)
Center Contact Resistance
Outer Contact Resistance
Power Handling
DC - 3 GHz
3 - 6 GHz
PCB Footprint
3 mm x 3 mm
2 mm x 2 mm
2 mm x 2 mm
AMC
AMC4
AMMC
50 Ohm
DC - 6 GHz
60 Volts RMS Max Continuous
200 VRMS Max
1.3 (-18 dB) Max
1.4 (-16 dB) Max
20 mΩ Min
10 mΩ Min
14W @ 1 GHz @ 25°
Note: Technical specifications are typical and may vary by specific part number. Please see component drawing.
Mechanical
Mating Cycles
Coupling Mechanism
30 Min
Snap-On
Materials
Body
Contact
Insulator
Phosphor Bronze, Silver Plating
Phosphor Bronze, Gold Plating
PBT
Copper Alloy, Gold Plating
Copper Alloy, Gold Plating
Phosphor Bronze, Silver Plating
Brass, Gold Plated
Environmental
Temperature Range
-40°C to +90°C
AMC
AMC4
AMMC
Mated Height
2.5 mm
1.4 mm
1.4 mm
Compatibility
Hirose U.FL, IPEX MHF
IPEX MHF4
Hirose W.FL, IPEX MHF3
0.81
•
•
1.13
•
•
•
1.32
•
1.37
•
RG-178
•
High Temperature Engineering Plastic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com