Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPF024N10NF2S Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IPF024N10NF2S
Description  StrongIRFETTM 2 Power-Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPF024N10NF2S Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IPF024N10NF2S Datasheet HTML 3Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 4Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 5Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 6Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 7Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 8Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 9Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 10Page - Infineon Technologies AG IPF024N10NF2S Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
StrongIRFETTM2Power-Transistor
IPF024N10NF2S
Rev.2.0,2022-09-23
Final Data Sheet
5PackageOutlines
DIMENSIONS
MIN.
MAX.
b
D
c
E
e
D1
A
A1
1.27
9.00
0.45
0.65
9.68
6.86
0.85
0.60
9.40
10.08
7.42
MILLIMETERS
4.30
0.00
4.70
0.25
PG-TO263-7-U02
PACKAGE - GROUP
NUMBER:
c1
1.25
1.40
E1
7.70
8.30
N
H
L
L1
L2
0.00
1.78
14.61
0.00
7
1.60
1.78
2.79
15.88
THETA
0° - 8°
0.90
1.10
Q
2.78
Figure1OutlinePG-TO263-7,dimensionsinmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com