Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV0605BA-R500XN-93 Datasheet(PDF) 1 Page - Vishay Barry

Part # TV0605BA-R500XN-93
Description  All Terminations by CW Power
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BARRY [Vishay Barry]
Direct Link  https://barryind.com/
Logo BARRY - Vishay Barry

TV0605BA-R500XN-93 Datasheet(HTML) 1 Page - Vishay Barry

  TV0605BA-R500XN-93 Datasheet HTML 1Page - Vishay Barry  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TV0605ZZ-XXXXWN-YY
CHIP TERMINATION
Features:
♦ Alumina, BeO, or BeO FREE
♦ DC - 3 GHz Performance
♦ 14 Watt (max) Power Rating
♦ Solder Mountable
WWW.BARRYIND.COM
n
oi
ta
ni
gi
r
O
et
a
D
n
oi
si
v
e
R
et
a
D
v
e
R
3
0
/
9
2
/
0
1
9
0
/
1
3
/
8
0
E
RoHS
COMPLIANT
TM
Barry Industries reserves the right to change part number and or process without notification.
YY
YY
YY
YY
YY
BA - Palladium Silver (For epoxy mount ONLY)
CB - Tin Lead over Nickel over Silver (NON-RoHS)
GA - Gold (Alumina only; use JA for BeO)
HA - Gold over Platinum Gold pad with Platinum Gold Ground
JA - Gold over Platinum Gold
CT - Matte Tin over Nickel over Silver
0.5....R500
1 ......1R00
10.....10R0
50.....50R0
100...1000
150...1500
1K.....1001
10K...1002
100K.1003
470K.4703
1M....1004
F - 1%
G - 2%
J - 5%
K - 10%
L - 20%
X - Special
-00 - Default
configuration and is
not included in part
number
-01
Example part number:
TV0605CT-50R0JN-99-01
-83 - .025" BeO FREE
-90 - .010" Alumina
-91 - .015" Alumina
-93 - .025" Alumina
-95 - .010" BeO
-96 - .015" BeO
-98 - .025" BeO
.
o
N
h
s
a
Ds
s
e
n
k
c
i
h
T
e
t
a
r
t
s
b
u
S
=
Y
Y
)
F
p
(
e
c
n
a
t
i
c
a
p
a
C
-
C
D
/
R
W
S
V
/
)
z
H
G
(
q
e
r
F
/
)
W
(
r
w
P
0
8
-c
i
m
a
r
e
C
E
E
R
F
O
e
B
0
1
0
.4
.
0
<
/
1
:
0
3
.
1
/
3
-
C
D
/
5
1
8
-c
i
m
a
r
e
C
E
E
R
F
O
e
B
5
1
0
.3
.
0
<
/
1
:
2
2
.
1
/
3
-
C
D
/
5
3
8
-c
i
m
a
r
e
C
E
E
R
F
O
e
B
5
2
0
.3
.
0
<
/
1
:
2
2
.
1
/
3
-
C
D
/
4
0
9
-a
n
i
m
u
l
A
0
1
0
.4
.
0
<
/
1
:
4
4
.
1
/
3
-
C
D
/
5
1
9
-a
n
i
m
u
l
A
5
1
0
.3
.
0
<
/
1
:
0
3
.
1
/
3
-
C
D
/
5
3
9
-a
n
i
m
u
l
A
5
2
0
.3
.
0
<
/
1
:
2
2
.
1
/
3
-
C
D
/
4
5
9
-O
e
B
0
1
0
.3
.
0
<
/
1
:
5
2
.
1
/
3
-
C
D
/
4
1
6
9
-O
e
B
5
1
0
.2
.
0
<
/
1
:
6
1
.
1
/
3
-
C
D
/
0
1
8
9
-O
e
B
5
2
0
.2
.
0
<
/
1
:
1
1
.
1
/
3
-
C
D
/
6
General Description:
The TV0605ZZ-XXXXWN-YY is a solder
mountable chip termination. It has an input power rating
from 4 to 14 watts, while maintaining a constant mounting
surface temperature of 100°C. It offers a frequency
range from DC to 3 GHz. Available in Alumina, BeO or
BeO FREE.
Barry Industries, Inc., 60 Walton St., Attleboro, MA 02703 T: 508-226-3350 F: 508-226-3317 E-mail: sales@barryind.com
Barry Industries maintains an ISO 9001 Certified Quality Management System


Similar Part No. - TV0605BA-R500XN-93

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06100J-HF COMCHIP-TV06100J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
TV06101J-HF COMCHIP-TV06101J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
TV06110J-HF COMCHIP-TV06110J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
TV06111J-HF COMCHIP-TV06111J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
TV06120J-HF COMCHIP-TV06120J-HF Datasheet
130Kb / 6P
SMD Transient Voltage Suppressor
More results

Similar Description - TV0605BA-R500XN-93

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFO-17-IP ETC1-LFO-17-IP Datasheet
193Kb / 2P
CW output power > 2.0 mW
LFO-14-I ETC1-LFO-14-I Datasheet
106Kb / 2P
CW output power > 0.8 mW
LFO-65-D ETC2-LFO-65-D Datasheet
54Kb / 1P
CW output power > 1.0mW
logo
Communications & Power ...
VZK-2790J1 CPI-VZK-2790J1 Datasheet
146Kb / 2P
150W CW TWT Power Amplifier
logo
M/A-COM Technology Solu...
CW0500-CM-OOR MA-COM-CW0500-CM-OOR Datasheet
158Kb / 2P
High Power CW Laser Diodes
logo
Bourns Electronic Solut...
CHF3020CBF BOURNS-CHF3020CBF Datasheet
125Kb / 1P
Power RF Terminations / Resistors
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
All welded construction, Molded encapsulation, Wraparound terminations
17-Feb-11
logo
Bourns Electronic Solut...
CHF3020CBF500L BOURNS-CHF3020CBF500L Datasheet
125Kb / 1P
Power RF Terminations / Resistors
logo
M/A-COM Technology Solu...
MADL-011012 MA-COM-MADL-011012 Datasheet
789Kb / 6P
360 W CW Power Limiter
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
POWER CW LASER DIODE DRIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com