Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP66200 Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP66200
Description  3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP66200 Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP66200 Datasheet HTML 17Page - Diodes Incorporated AP66200 Datasheet HTML 18Page - Diodes Incorporated AP66200 Datasheet HTML 19Page - Diodes Incorporated AP66200 Datasheet HTML 20Page - Diodes Incorporated AP66200 Datasheet HTML 21Page - Diodes Incorporated AP66200 Datasheet HTML 22Page - Diodes Incorporated AP66200 Datasheet HTML 23Page - Diodes Incorporated AP66200 Datasheet HTML 24Page - Diodes Incorporated AP66200 Datasheet HTML 25Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
AP66200
Document number: DS43720 Rev. 1 - 2
21 of 26
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP66200
Application Information (continued)
Loop Compensation Design
The regulator uses constant frequency peak current mode control architecture to achieve a fast loop transient response. An accurate current
sensing pilot device in parallel with the upper MOSFET is used for peak current control signal and overcurrent protection. The inductor is not
considered as a state variable since its peak current is constant, and the system becomes a single order system. It is much easier to design a
Type II compensator to stabilize the loop than to implement voltage mode control. Peak current mode control has an inherent input voltage feed-
forward function to achieve good line regulation. Figure 45 shows the small signal model of the synchronous buck regulator and figure 46 is the
compensation network.
Figure 45. Linearized Small Signal Model
Figure 46 is the type 2 compensator.
Figure 46. Type 2 Compensator
gm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com