Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP66200FVBW-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP66200FVBW-13
Description  3.8V TO 60V INPUT, 2A LOW IQ SYNCHRONOUS BUCK CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP66200FVBW-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP66200FVBW-13 Datasheet HTML 4Page - Diodes Incorporated AP66200FVBW-13 Datasheet HTML 5Page - Diodes Incorporated AP66200FVBW-13 Datasheet HTML 6Page - Diodes Incorporated AP66200FVBW-13 Datasheet HTML 7Page - Diodes Incorporated AP66200FVBW-13 Datasheet HTML 8Page - Diodes Incorporated AP66200FVBW-13 Datasheet HTML 9Page - Diodes Incorporated AP66200FVBW-13 Datasheet HTML 10Page - Diodes Incorporated AP66200FVBW-13 Datasheet HTML 11Page - Diodes Incorporated AP66200FVBW-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
AP66200
Document number: DS43720 Rev. 1 - 2
8 of 26
www.diodes.com
December 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP66200
Typical Performance Characteristics (AP66200 at TA = +25°C, VIN = 48V, VOUT = 5V, fsw = 500kHz, BOM = Table 1
unless otherwise specified.)
Figure 11. Frequency vs. Temperature
Figure 12. IQ vs. Temperature, IOUT = 0A
Figure 13. ISHDN vs. Temperature
Figure 14. PWM Line Regulation
Figure 15. PFM Line Regulation
Figure 16. Load Regulation
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
FS=VCC
Rfs=850K
Rfs=62K
25
30
35
40
45
50
55
60
65
70
75
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
5.00
5.02
5.04
5.06
5.08
5.10
5.12
5.14
5.16
5.18
5.20
5
12
19
26
33
40
47
54
61
VIN (V)
IOUT = 0A
IOUT=0.5A
IOUT=1A
IOUT=1.5A
IOUT=2A
5.00
5.02
5.04
5.06
5.08
5.10
5.12
5.14
5.16
5.18
5.20
5
12
19
26
33
40
47
54
61
VIN (V)
IOUT = 0A
IOUT=0.5A
IOUT=1A
IOUT=1.5A
IOUT=2A
5.00
5.02
5.04
5.06
5.08
5.10
5.12
5.14
5.16
5.18
5.20
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
IOUT (A)
VIN=12V
VIN=24V
VIN=48V
VIN=60V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com