Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPD64-CMPD3003-WN Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CPD64-CMPD3003-WN
Description  P-Channel JFET Die
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CPD64-CMPD3003-WN Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CPD64-CMPD3003-WN Datasheet HTML 1Page - Central Semiconductor Corp CPD64-CMPD3003-WN Datasheet HTML 2Page - Central Semiconductor Corp CPD64-CMPD3003-WN Datasheet HTML 3Page - Central Semiconductor Corp CPD64-CMPD3003-WN Datasheet HTML 4Page - Central Semiconductor Corp CPD64-CMPD3003-WN Datasheet HTML 5Page - Central Semiconductor Corp CPD64-CMPD3003-WN Datasheet HTML 6Page - Central Semiconductor Corp CPD64-CMPD3003-WN Datasheet HTML 7Page - Central Semiconductor Corp CPD64-CMPD3003-WN Datasheet HTML 8Page - Central Semiconductor Corp CPD64-CMPD3003-WN Datasheet HTML 9Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CP548-2N5116
P-Channel JFET Die
Die Size
21 x 21 MILS
Die Thickness
11.5 MILS
Drain Bonding Pad Size
4.0 x 4.0 MILS
Source Bonding Pad Size
4.0 x 4.0 MILS
Gate Bonding Pad Size
4.0 x 4.0 MILS
Top Side Metalization
Al – 30,000Å
Back Side Metalization
Au – 8,000Å
Scribe Alley Width
2.0 MILS
Wafer Diameter
4 INCHES
Gross Die Per Wafer
12,000
The CP548-2N5116 is a silicon P-Channel small signal JFET designed for analog switching
and chopper applications.
MECHANICAL SPECIFICATIONS:
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Gate-Drain Voltage
VGD
30
V
Gate-Source Voltage
VGS
30
V
Gate Current
IG
50
mA
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSS
VGS=20V
500
pA
IDSS
VDS=15V
5.0
25
mA
ID(OFF)
VDS=15V, VGS=5.0V
500
pA
BVGSS
IG=1.0μA
30
V
VGS(OFF)
VDS=15V, ID=1.0nA
1.0
4.0
V
VGS(f)
IG=1.0mA
1.0
V
VDS(ON)
ID=3.0mA
0.6
V
rDS(ON)
ID=1.0mA, VGS=0
150
Ω
rds(ON)
VGS=0, ID=0, f=1.0kHz
150
Ω
Ciss
VDS=15V, VGS=0, f=1.0MHz
25
pF
Crss
VGS=5.0V, VDS=0, f=1.0MHz
7.0
pF
ton
VDD=6.0V, VGS=5.0V,
42
ns
toff
ID=3.0mA, RL=1.8kΩ
60
ns
R1 (17-January 2018)
www.centra lsemi.
com


Similar Part No. - CPD64-CMPD3003-WN

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD64-CMPD3003-WN CENTRAL-CPD64-CMPD3003-WN Datasheet
530Kb / 9P
PNP - High Voltage Transistor Die
R0 8-August 2019
More results

Similar Description - CPD64-CMPD3003-WN

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP206-2N4393 CENTRAL-CP206-2N4393 Datasheet
772Kb / 4P
N-Channel JFET Die
CP210-2N4416 CENTRAL-CP210-2N4416 Datasheet
772Kb / 4P
N-Channel JFET Die
CP206-2N4392 CENTRAL-CP206-2N4392 Datasheet
961Kb / 7P
N-Channel JFET Die
R0 5-February 2016
CP206-2N4856 CENTRAL-CP206-2N4856 Datasheet
919Kb / 7P
N-Channel JFET Die
R0 1-June 2017
CP226V-2N4391 CENTRAL-CP226V-2N4391 Datasheet
774Kb / 5P
N-Channel JFET Die
R0 24-February 2021
CP226V-2N4393 CENTRAL-CP226V-2N4393 Datasheet
774Kb / 5P
N-Channel JFET Die
R0 24-February 2021
CP232V-2N5486 CENTRAL-CP232V-2N5486 Datasheet
370Kb / 3P
N-Channel JFET Die
R1 19-July 2022
CP664V-2N2608 CENTRAL-CP664V-2N2608 Datasheet
297Kb / 3P
P-Channel JFET Die
R0 03-May 2022
CP664V-2N5460 CENTRAL-CP664V-2N5460 Datasheet
311Kb / 3P
P-Channel JFET Die
R0 10-August 2020
CP688-2N5115 CENTRAL-CP688-2N5115 Datasheet
310Kb / 3P
P-Channel JFET Die
R0 17-July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com