Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T56D107M016CSS025 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T56D107M016CSS025
Description  vPolyTanTM Polymer Surface Mount Chip Capacitors, Molded Case, Hi-Rel COTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T56D107M016CSS025 Datasheet(HTML) 4 Page - Vishay Siliconix

  T56D107M016CSS025 Datasheet HTML 1Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 2Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 3Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 4Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 5Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 6Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 7Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 8Page - Vishay Siliconix T56D107M016CSS025 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
T56
www.vishay.com
Vishay Polytech
Revision: 28-Nov-2022
4
Document Number: 40219
For technical questions, contact: polytech@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
10 VDC AT +105 °C; 6.7 VDC AT +125 °C
33
B
T56B336M010C(1)(2)070
33.0
8
70
1.36
105
47
B
T56B476M010C(1)(2)070
47.0
8
70
1.36
105
68
V
T56V686M010C(1)(2)060
68.0
10
60
1.76
105
100
D
T56D107M010C(1)(2)025
100.0
10
25
3.00
105
100
D
T56D107M010C(1)(2)040
100.0
10
40
2.37
125
•
100
V
T56V107M010C(1)(2)045
100.0
10
45
2.03
105
150
D
T56D157M010C(1)(2)025
150.0
10
25
3.00
105
150
V
T56V157M010C(1)(2)025
150.0
10
25
2.73
105
220
D
T56D227M010C(1)(2)025
220.0
10
25
3.00
105
220
D
T56D227M010C(1)(2)040
220.0
10
40
2.37
125
•
220
V
T56V227M010C(1)(2)025
220.0
10
25
2.73
105
330
D
T56D337M010C(1)(2)025
330.0
10
25
3.00
105
16 VDC AT +105 °C; 10.7 VDC AT +125 °C
22
B
T56B226M016C(1)(2)070
35.2
8
70
1.36
105
33
D
T56D336M016C(1)(2)070
52.8
10
70
1.79
125
•
33
V
T56V336M016C(1)(2)070
52.8
10
70
1.63
105
47
D
T56D476M016C(1)(2)070
75.2
10
70
1.79
125
•
47
V
T56V476M016C(1)(2)070
75.2
10
70
1.63
105
68
V
T56V686M016C(1)(2)070
108.8
10
70
1.63
105
100
D
T56D107M016C(1)(2)050
160.0
10
50
2.12
125
•
100
V
T56V107M016C(1)(2)050
160.0
10
50
1.93
105
20 VDC AT +105 °C; 13.4 VDC AT +125 °C
15
B
T56B156M020C(1)(2)090
30.0
8
90
1.2
105
15
V
T56V156M020C(1)(2)125
30.0
10
125
1.22
105
22
V
T56V226M020C(1)(2)040
44.0
10
40
2.16
105
33
V
T56V336M020C(1)(2)040
66.0
10
40
2.16
105
25 VDC AT +105 °C; 16.8 VDC AT +125 °C
15
B
T56B156M025C(1)(2)100
37.5
8
100
1.14
105
15
V
T56V156M025C(1)(2)125
37.5
10
125
1.22
105
22
V
T56V226M025C(1)(2)040
55.0
10
40
2.16
105
33
D
T56D336M025C(1)(2)060
82.5
10
60
1.93
125
•
33
V
T56V336M025C(1)(2)040
82.5
10
40
2.16
105
100
D
T56D107M025C(1)(2)060
250.0
10
60
1.93
105
35 VDC AT +105 °C; 23.5 VDC AT +125 °C
10
B
T56B106M035C(1)(2)200
35.0
8
200
0.80
105
10
D
T56D106M035C(1)(2)120
35.0
10
120
1.36
125
•
15
V
T56V156M035C(1)(2)125
52.5
10
125
1.22
105
22
D
T56D226M035C(1)(2)120
77.0
10
120
1.36
105
50 VDC AT +105 °C; 33.5 VDC AT +125 °C
10
D
T56D106M050C(1)(2)120
50.0
10
120
1.36
105
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL
AT 25 °C
(μA)
MAX. DF
AT 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(m
Ω)
MAX. RIPPLE
AT 45 °C
100 kHz IRMS
(A)
MAX.
OPERATING
TEMPERATURE
(°C)
85 °C / 85 %,
R. V., 500 h
CAPABLE
Note
• Part number definitions:
(1) Reliability level: Z, S
(2) Surge current: A, B, S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com