Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT11 Datasheet(PDF) 7 Page - CUI Devices

Part # AMT11
Description  MODULAR INCREMENTAL ENCODER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

AMT11 Datasheet(HTML) 7 Page - CUI Devices

  AMT11 Datasheet HTML 1Page - CUI Devices AMT11 Datasheet HTML 2Page - CUI Devices AMT11 Datasheet HTML 3Page - CUI Devices AMT11 Datasheet HTML 4Page - CUI Devices AMT11 Datasheet HTML 5Page - CUI Devices AMT11 Datasheet HTML 6Page - CUI Devices AMT11 Datasheet HTML 7Page - CUI Devices AMT11 Datasheet HTML 8Page - CUI Devices AMT11 Datasheet HTML 9Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CUI DEVICES | SERIES: AMT11 | DESCRIPTION: MODULAR INCREMENTAL ENCODER
date 08/05/2022 | page 7 of 9
cuidevices.com
1. Insert Tool A as a spacer that defines the distance to
the mounting surface.
2. Slide appropriate sized Sleeve over shaft all the way down to Tool A.
3. Slide Shaft Adaptor over Sleeve.
4. Use Tool C to press Shaft Adaptor over Sleeve (ensure Shaft Adapter
and Tool C spline alignment) until flush with Tool A.
1. Remove Tools A and C.
2. Place Base on motor, with Tool C used as a centering tool.
1. Fasten the Base on the motor (Tool C may need to be
rotated to allow for some mounting configurations).
2. Remove Tool C.
1. Make sure the snaps are fully engaged by pressing
on the Hub with the reverse side of Tool C.
2. When assembly is finished, the Shaft Adaptor, Sleeve
and Rotor Hub should all be flush with the Motor
Shaft rotating freely.
1. Snap the Top Cover onto the Base, carefully observing that the
teeth of the Shaft Adaptor align with the grooves in the hub. *
* We recommend no more than three cycles of mounting and
removal of the AMT top cover base. Multiple cycles of mounting
and removing the top cover can cause base fatigue over time and
affect encoder performance.
1. Align Tool C with flange on Base.
2. Slide Base and Tool C onto motor, centering onto
the Shaft Adapter.
STEP 1
STEP 4
STEP 2
STEP 5
STEP 3
STEP 6
Align Tool C with
flange on Base
ASSEMBLY PROCEDURE
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com