Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP1084ADJVC2 Datasheet(PDF) 3 Page - Ceramate Technical

Part # CP1084ADJVC2
Description  5A Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP1084ADJVC2 Datasheet(HTML) 3 Page - Ceramate Technical

  CP1084ADJVC2 Datasheet HTML 1Page - Ceramate Technical CP1084ADJVC2 Datasheet HTML 2Page - Ceramate Technical CP1084ADJVC2 Datasheet HTML 3Page - Ceramate Technical CP1084ADJVC2 Datasheet HTML 4Page - Ceramate Technical CP1084ADJVC2 Datasheet HTML 5Page - Ceramate Technical CP1084ADJVC2 Datasheet HTML 6Page - Ceramate Technical CP1084ADJVC2 Datasheet HTML 7Page - Ceramate Technical CP1084ADJVC2 Datasheet HTML 8Page - Ceramate Technical CP1084ADJVC2 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CP1084
5A Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 3 of 11
Rev 1.0 Jul.6, 2004
Order Information
Package
Temperature
Range
Part Number
Marking
CP1084 ADJ-A
CP1084 ADJ
CP1084 1.5-A
CP1084 1.5
CP1084 1.8-A
CP1084 1.8
CP1084 2.5-A
CP1084 2.5
CP1084 3.3-A
CP1084 3.3
TO-252
CP1084 5.0-A
CP1084 5.0
CP1084 ADJ-C2
CP1084 ADJ
CP1084 1.5-C2
CP1084 1.5
CP1084 1.8-C2
CP1084 1.8
CP1084 2.5-C2
CP1084 2.5
CP1084 3.3-C2
CP1084 3.3
TO-263-2L
0
~125
℃℃
CP1084 5.0-C2
CP1084 5.0
CP1084
XXX – X
X
BLANK: Tube
A: Taping Reel
A: TO-252
C2: TO-263-2L
ADJ: Adjustable Output
1.5V: Fixed Output 1.5V
1.8V: Fixed Output 1.8V
2.5V: Fixed Output 2.5V
3.3V: Fixed Output 3.3V
5.0V: Fixed Output 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com