Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP10842.5VC2 Datasheet(PDF) 2 Page - Ceramate Technical

Part # CP10842.5VC2
Description  5A Dropout Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP10842.5VC2 Datasheet(HTML) 2 Page - Ceramate Technical

  CP10842.5VC2 Datasheet HTML 1Page - Ceramate Technical CP10842.5VC2 Datasheet HTML 2Page - Ceramate Technical CP10842.5VC2 Datasheet HTML 3Page - Ceramate Technical CP10842.5VC2 Datasheet HTML 4Page - Ceramate Technical CP10842.5VC2 Datasheet HTML 5Page - Ceramate Technical CP10842.5VC2 Datasheet HTML 6Page - Ceramate Technical CP10842.5VC2 Datasheet HTML 7Page - Ceramate Technical CP10842.5VC2 Datasheet HTML 8Page - Ceramate Technical CP10842.5VC2 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CP1084
5A Dropout Linear Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 11
Rev 1.0 Jul.6, 2004
Pin Configuration
Functional Block Diagram
Figure 3. Functional Block Diagram of
CP1084
Thermal
Protection
+
-
For Adjustable Output, disconnect A1 and A2, connect B
INPUT
OUTPUT
ADJ/
GND
A1
A2
B
For Fixed Output, connect A1 and A2, disconnect B
(TO-263-2L)
ADJ/GND
INPUT
1
2
3
OUTPUT (TAB)
Figure 2. Pin Configuration of
CP1084 (Top View)
S Package
D Package
(TO-252)
1
2
1
ADJ/GND
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com